Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA701 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA701 Datasheet HTML 8Page - Texas Instruments INA701 Datasheet HTML 9Page - Texas Instruments INA701 Datasheet HTML 10Page - Texas Instruments INA701 Datasheet HTML 11Page - Texas Instruments INA701 Datasheet HTML 12Page - Texas Instruments INA701 Datasheet HTML 13Page - Texas Instruments INA701 Datasheet HTML 14Page - Texas Instruments INA701 Datasheet HTML 15Page - Texas Instruments INA701 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
6 Detailed Description
6.1 Overview
The INA701 device is a digital current sense amplifier with an I2C digital interface. The device measures shunt
voltage, bus voltage, and internal temperature while calculating current, power, energy and charge necessary for
accurate decision making in precisely controlled systems. Programmable registers allow flexible configuration for
measurement precision as well as continuous or triggered operation. See the Register Maps for detailed register
information.
6.2 Functional Block Diagram
Power
Current
I
2C / SMBus
Interface
Bus Voltage
GND
16 – bit
ADC
V
I
A0
ALERT
SDA
SCL
0.1µF
Temperature
VS
Supply Voltage
(2.7V to 5.5V)
Common-mode Voltage
(–0.3V to 40V)
Energy
TI Device
IN+
Charge
IN–
±0.5%
Oscillator
Alert_Diag
Shunt TC
Compensation
Registers
V
I
6.3 Feature Description
6.3.1 Integrated Shunt Resistor
The INA701 is a precise, low-drift, digital power monitor that provides accurate measurements over the entire
specified ambient temperature range of –40°C to +105°C. The integrated current-sensing resistor is internally
compensated to provide measurement stability over temperature, while simplifying printed circuit board (PCB)
layout and size constraints. Figure 6-2 shows the device gain error as a function of current.
The IN+ and IN– pins allow access to the on-chip current-sensing resistor. This resistor features internal sense
connections that are factory-calibrated and temperature-compensated to achieve a high level of accuracy. The
INA701 is system-calibrated so that the current-sensing resistor and current-sensing amplifier are both precisely
matched to one another.
The nominal pin-to-pin resistance from IN+ to IN– is approximately 7mΩ, while the internal resistance seen by
the digital power monitor is nominally 5mΩ. The power dissipation requirements of the system and package are
based on the total package resistance between the IN+ and IN– pins. The material composition of the internal
shunt has a resistance that increases with temperature as shown in Figure 6-1.
INA701
SBOSAM2 – AUGUST 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com