Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA701 Datasheet(PDF) 39 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 39 Page - Texas Instruments

Back Button INA701 Datasheet HTML 35Page - Texas Instruments INA701 Datasheet HTML 36Page - Texas Instruments INA701 Datasheet HTML 37Page - Texas Instruments INA701 Datasheet HTML 38Page - Texas Instruments INA701 Datasheet HTML 39Page - Texas Instruments INA701 Datasheet HTML 40Page - Texas Instruments INA701 Datasheet HTML 41Page - Texas Instruments INA701 Datasheet HTML 42Page - Texas Instruments INA701 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
8 Power Supply Recommendations
The input circuitry of the device can accurately measure signals on common-mode voltages beyond the power-
supply voltage, VS. For example, the voltage applied to the VS power supply terminal can be 5V, whereas the
load power-supply voltage being monitored (the common-mode voltage) can be as high as 40V. Note that the
device can also withstand the full 0V to 40V range at the input terminals, regardless of whether the device has
power applied or not. Avoid applications where the GND pin is disconnected while device is actively powered.
Place the required power-supply bypass capacitors as close as possible to the supply and ground terminals of
the device. A typical value for this supply bypass capacitor is 0.1µF. Applications with noisy or high-impedance
power supplies can require additional decoupling capacitors to reject power-supply noise.
9 Layout
9.1 Layout Guidelines
A layout that maximizes the thermal conduction from the IN– and IN+ pads is essential when sensing high load
currents. The area of the thermal planes connecting to these pads can be maximized, filling any available area,
while located as close as possible to the device. Thermal vias can be used generously and placed as close as
possible to the IN– and IN+ pads to maximize thermal conduction to the bottom and available internal layers.
To achieve better thermal performance, both the bottom and available internal layers can be used to conduct
the heat away from the device. See the INA701EVM User's Guide for more information on via and power plane
placement in a multilayer design. Place the power-supply bypass capacitor as close as possible to the supply
and ground pins.
9.2 Layout Example
IN+
IN–
SDA
ADR
GND
SCL
ALERT
VS
I
2C Bus Connections
ALERT, SDA, and SCL require external
pull-up resistors to the digital supply
voltage. The layout of these resistors
have been omitted and are not as
critical to the device performance.
CBYPASS
Supply Voltage
2.7V to 5.5V
VIA to GND plane
Thermal Vias to bottom and internal
layers for device heat sinking
Device address pin must be connected
to either GND, SCL, SDA, or VS to
select the desired address.
Connect to VBUS for
high-side sensing or to
ground side of the load
for low side sensing
Connect to supply side of
the load for high-side
sensing or to ground for
low side sensing
Figure 9-1. INA701 Layout Example
www.ti.com
INA701
SBOSAM2 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com