Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA701 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA701 Datasheet HTML 9Page - Texas Instruments INA701 Datasheet HTML 10Page - Texas Instruments INA701 Datasheet HTML 11Page - Texas Instruments INA701 Datasheet HTML 12Page - Texas Instruments INA701 Datasheet HTML 13Page - Texas Instruments INA701 Datasheet HTML 14Page - Texas Instruments INA701 Datasheet HTML 15Page - Texas Instruments INA701 Datasheet HTML 16Page - Texas Instruments INA701 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
Temperature ( C)
-50
-25
0
25
50
75
100
125
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Figure 6-1. IN+ to IN– Package Resistance vs Temperature
The internal compensation of the INA701 corrects for pin-to-pin resistance increases with temperature, achieving
less than 50ppm/°C drift over the ambient temperature range.
The INA701 is most accurate when measuring currents in the range of 0.1A to 3A. As currents increase the
error in the current measurement also increases. Figure 6-2 below shows how the gain error of the INA701 stays
under 0.4% for the shunt current range of 0.1A to 2.5A.
Shunt Current (A)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
-0.2
-0.16
-0.12
-0.08
-0.04
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
0.4
Figure 6-2. Gain Error vs Shunt Current
The change in gain error is consistent enough from device to device that returned values can be scaled up or
down depending on the shunt current to give a more accurate result. For example, to achieve higher accuracy
when measuring currents around 5A, the returned value can be scaled down by approximately 2% as shown in
Figure 6-3.
www.ti.com
INA701
SBOSAM2 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com