Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA701 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 2 Page - Texas Instruments

  INA701 Datasheet HTML 1Page - Texas Instruments INA701 Datasheet HTML 2Page - Texas Instruments INA701 Datasheet HTML 3Page - Texas Instruments INA701 Datasheet HTML 4Page - Texas Instruments INA701 Datasheet HTML 5Page - Texas Instruments INA701 Datasheet HTML 6Page - Texas Instruments INA701 Datasheet HTML 7Page - Texas Instruments INA701 Datasheet HTML 8Page - Texas Instruments INA701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics.............................................5
5.6 Timing Requirements (I2C)......................................... 7
5.7 Timing Diagram ..........................................................7
5.8 Typical Characteristics................................................ 8
6 Detailed Description......................................................12
6.1 Overview................................................................... 12
6.2 Functional Block Diagram......................................... 12
6.3 Feature Description...................................................12
6.4 Device Functional Modes..........................................20
6.5 Programming............................................................ 22
6.6 Register Maps...........................................................24
7 Application and Implementation.................................. 33
7.1 Application Information............................................. 33
7.2 Typical Application.................................................... 36
8 Power Supply Recommendations................................39
9 Layout.............................................................................39
9.1 Layout Guidelines..................................................... 39
9.2 Layout Example........................................................ 39
10 Device and Documentation Support..........................40
10.1 Documentation Support.......................................... 40
10.2 Receiving Notification of Documentation Updates..40
10.3 Support Resources................................................. 40
10.4 Trademarks.............................................................40
10.5 Electrostatic Discharge Caution..............................40
10.6 Glossary..................................................................40
11 Revision History.......................................................... 40
12 Mechanical, Packaging, and Orderable
Information.................................................................... 40
INA701
SBOSAM2 – AUGUST 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com