Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ152 Datasheet (PDF) - STMicroelectronics

TSZ152 Datasheet PDF - STMicroelectronics
Part # TSZ152
Download  TSZ152 Download
File Size   3816.7 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp

TSZ152 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSZ152 Datasheet PDF - STMicroelectronics

Part # TSZ152
Download  TSZ152 Click to download

File Size   3816.7 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp

TSZ152 Datasheet (HTML) - STMicroelectronics


TSZ152 Product details

Features
• Very high accuracy and stability: offset voltage
– 7 μV max. at 25 °C
– 10 μV over full temperature range (-40 °C to 125 °C)
• Rail-to-rail input and output
• Low supply voltage: from 1.8 to 5.5 V
• Low power consumption: 210 μA at 5 V
• Gain bandwidth product: 1.6 MHz
• Extended temperature range: -40 to 125 °C
• AEC-Q100 qualified
• Benefits:
– Higher accuracy without calibration
– Accuracy is virtually unaffected by temperature change

Applications
• High accuracy signal conditioning
• Automotive current measurement and sensors signal conditioning




Similar Part No. - TSZ152

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
27Mb / 31P
High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
06-Dec-2022
TSZ121ICT STMICROELECTRONICS-TSZ121ICT Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSZ121ILT STMICROELECTRONICS-TSZ121ILT Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSZ121ILT STMICROELECTRONICS-TSZ121ILT Datasheet
5Mb / 6P
Training kit for operational amplifiers and comparators
More results


Similar Description - TSZ152

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSZ182 STMICROELECTRONICS-TSZ182 Datasheet
2Mb / 39P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
21-Nov-2016
logo
Texas Instruments
OPA2182 TI1-OPA2182 Datasheet
721Kb / 22P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
OPA2182 TI1-OPA2182_V01 Datasheet
2Mb / 37P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
logo
STMicroelectronics
TSZ182H STMICROELECTRONICS-TSZ182H Datasheet
2Mb / 24P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Jan-2020
TSZ181 STMICROELECTRONICS-TSZ181 Datasheet
2Mb / 43P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
Rev 5 - August 2018
TSZ181H STMICROELECTRONICS-TSZ181H Datasheet
1Mb / 26P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Rev 2 - December 2020
TSV771 STMICROELECTRONICS-TSV771 Datasheet
3Mb / 32P
High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
logo
Microchip Technology
MCP6V86 MICROCHIP-MCP6V86 Datasheet
2Mb / 52P
5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
logo
STMicroelectronics
TSV782 STMICROELECTRONICS-TSV782 Datasheet
8Mb / 32P
High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
19-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com