Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ152 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSZ152
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ152 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSZ152 Datasheet HTML 6Page - STMicroelectronics TSZ152 Datasheet HTML 7Page - STMicroelectronics TSZ152 Datasheet HTML 8Page - STMicroelectronics TSZ152 Datasheet HTML 9Page - STMicroelectronics TSZ152 Datasheet HTML 10Page - STMicroelectronics TSZ152 Datasheet HTML 11Page - STMicroelectronics TSZ152 Datasheet HTML 12Page - STMicroelectronics TSZ152 Datasheet HTML 13Page - STMicroelectronics TSZ152 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
EMIRR
EMI rejection rate =
-20 log (VRFpeak/ΔVio)
VRF = 100 mVpp, f = 1800 MHz
dB
90
VRF = 100 mVpp, f = 2400 MHz
91
1. See Section 5.2.
2. The slew rate value is the average of rising and falling values.
TSZ151, TSZ152
Electrical characteristics
DS14459 - Rev 4
page 10/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com