Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ152 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSZ152
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ152 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSZ152 Datasheet HTML 19Page - STMicroelectronics TSZ152 Datasheet HTML 20Page - STMicroelectronics TSZ152 Datasheet HTML 21Page - STMicroelectronics TSZ152 Datasheet HTML 22Page - STMicroelectronics TSZ152 Datasheet HTML 23Page - STMicroelectronics TSZ152 Datasheet HTML 24Page - STMicroelectronics TSZ152 Datasheet HTML 25Page - STMicroelectronics TSZ152 Datasheet HTML 26Page - STMicroelectronics TSZ152 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Figure 52. Negative overvoltage recovery at VCC = 1.8 V
5 µs/div
Vin
Vout
Vcc= 1V8, G = -10 (1k
W / 10kW)
Vin = 180mVpp, T = 25°C
Figure 53. Negative overvoltage recovery at VCC = 5 V
5 µs/div
Vin
Vout
Vcc= 5V, G = -10 (1k
W / 10kW)
Vin = 500mVpp, T = 25°C
Figure 54. Settling time on negative input step
0
5µ
10µ
15µ
20µ
25µ
30µ
35µ
40µ
−10
−5
0
5
10
15
20
25
30
Time (µs)
Vcc = 5V, G = -1, T = 25°C
0.1%, 1V Input Negative Step
Figure 55. Settling time on positive input step
0
5µ
10µ
15µ
20µ
25µ
30µ
35µ
40µ
−70
−60
−50
−40
−30
−20
−10
0
10
Time (µs)
Vcc = 5V, G = -1, T = 25°C
0.1%, 1V Input Positive Step
TSZ151, TSZ152
Typical performance characteristics
DS14459 - Rev 4
page 23/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com