Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ152 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSZ152
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ152 Datasheet(HTML) 5 Page - STMicroelectronics

  TSZ152 Datasheet HTML 1Page - STMicroelectronics TSZ152 Datasheet HTML 2Page - STMicroelectronics TSZ152 Datasheet HTML 3Page - STMicroelectronics TSZ152 Datasheet HTML 4Page - STMicroelectronics TSZ152 Datasheet HTML 5Page - STMicroelectronics TSZ152 Datasheet HTML 6Page - STMicroelectronics TSZ152 Datasheet HTML 7Page - STMicroelectronics TSZ152 Datasheet HTML 8Page - STMicroelectronics TSZ152 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
3
Electrical characteristics
Table 6. Electrical characteristics at VCC = 5 V, Vicm = VOUT = VCC / 2, T = 25 °C (unless otherwise specified), RL and CL
(if any specified) connected to VCC / 2.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
T = 25 °C
1
±7
µV
-40 °C ≤ T ≤ 125 °C
±10
ΔVio/ΔT
Input offset voltage temperature
drift (1)
-40 °C ≤ T ≤ 125 °C, TSZ151
-15
36
nV/°C
-40 °C ≤ T ≤ 125 °C, TSZ152
-17
45
Iib
Input bias current
T = 25 °C
50
200
pA
-40 °C ≤ T ≤ 125 °C
300
Iio
Input offset current
T = 25 °C
100
400
pA
-40 °C ≤ T ≤ 125 °C
600
AVD
Open loop gain
VCC-+200 mV ≤ VOUT ≤ VCC+-200 mV,
RL = 10 kΩ, T = 25 °C
120
135
dB
VCC-+200 mV ≤ VOUT ≤ VCC+-200 mV,
RL = 10 kΩ, -40 °C ≤ T ≤ 125 °C
115
CMR
Common-mode rejection ratio
20.log (ΔVio/ΔVicm)
VCC- ≤ Vicm ≤ VCC+, T = 25 °C,TSZ151
120
132
dB
VCC- ≤ Vicm ≤ VCC+, -40 °C ≤ T ≤ 125 °C,
TSZ151
115
VCC- ≤ Vicm ≤ VCC+, T = 25 °C, TSZ152
117
131
VCC- ≤ Vicm ≤ VCC+, -40 °C ≤ T ≤ 125 °C,
TSZ152
111
SVR
Supply-voltage rejection ratio
20.log (ΔVio/ΔVCC)
1.8 V ≤ VCC ≤ 5.5 V, Vicm = 0 V, T = 25 °C,
TSZ151
120
140
dB
1.8 V ≤ VCC ≤ 5.5 V, Vicm = 0 V,
-40 °C ≤ T ≤ 125 °C, TSZ151
120
1.8 V ≤ VCC ≤ 5.5 V, Vicm = 0 V, T = 25 °C,
TSZ152
115
134
1.8 V ≤ VCC ≤ 5.5 V, Vicm = 0 V,
-40 °C ≤ T ≤ 125 °C, TSZ152
110
VOH
High level output voltage drop
(VOH = VCC+ - VOUT)
RL = 10 kΩ, T = 25 °C
30
mV
RL = 10 kΩ, -40 °C ≤ T ≤ 125 °C
70
VOL
Low level output voltage drop
(VOL = VOUT)
RL = 10 kΩ, T = 25 °C
30
mV
RL = 10 kΩ, -40 °C ≤ T ≤ 125 °C
70
IOUT
ISINK, OUT connected to VCC+
VID = -0.1 V, T = 25 °C
20
30
mA
VID = -0.1 V, -40 °C ≤ T ≤ 125 °C
15
ISOURCE, OUT connected to VCC-
VID = +0.1 V, T = 25 °C
20
30
VID = +0.1 V, -40 °C ≤ T ≤ 125 °C
15
ICC
Supply current (by operational
amplifier)
T = 25 °C
210
300
µA
-40 °C ≤ T ≤ 125 °C
300
AC performance
TSZ151, TSZ152
Electrical characteristics
DS14459 - Rev 4
page 5/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com