Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419 Datasheet (PDF) - STMicroelectronics

TS419 Datasheet PDF - STMicroelectronics
Part # TS419
Download  TS419 Download
File Size   1728.05 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 360 mW mono amplifier with standby mode

TS419 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS419 Datasheet PDF - STMicroelectronics

Part # TS419
Download  TS419 Click to download

File Size   1728.05 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 360 mW mono amplifier with standby mode

TS419 Datasheet (HTML) - STMicroelectronics


TS419 Product details

Features
• Operating from VCC = 2 V to 5.5 V
• Standby mode active high (TS419) or low (TS421)
• Output power into 16 Ω: 367 mW @ 5 V with 10% THD+N max or 295 mW @
5 V and 110 mW @ 3.3 V with 1% THD+N max.
• Low current consumption: 2.5 mA max.
• High signal-to-noise ratio: 95 dB (A) at 5 V
• PSRR: 56 dB typ. at 1 kHz, 46 dB at 217 Hz
• Short-circuit limitation
• ON/OFF click reduction circuitry
• Available in MiniSO8 and DFN 3x3

Applications
• 16 / 32 Ω earpiece or receiver speaker driver
• Mobile and cordless phones (analog / digital)
• PDAs & computers
• Portable appliances




Similar Part No. - TS419

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS419 STMICROELECTRONICS-TS419 Datasheet
990Kb / 32P
360mW MONO AMPLIFIER WITH STANDBY MODE
Jun-2003
TS419-2 STMICROELECTRONICS-TS419-2 Datasheet
990Kb / 32P
360mW MONO AMPLIFIER WITH STANDBY MODE
Jun-2003
TS419-4 STMICROELECTRONICS-TS419-4 Datasheet
990Kb / 32P
360mW MONO AMPLIFIER WITH STANDBY MODE
Jun-2003
TS419-8 STMICROELECTRONICS-TS419-8 Datasheet
990Kb / 32P
360mW MONO AMPLIFIER WITH STANDBY MODE
Jun-2003
More results


Similar Description - TS419

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS419 STMICROELECTRONICS-TS419 Datasheet
990Kb / 32P
360mW MONO AMPLIFIER WITH STANDBY MODE
Jun-2003
TS486 STMICROELECTRONICS-TS486 Datasheet
1Mb / 31P
100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
Jun-2003
logo
Texas Instruments
TPA301 TI-TPA301 Datasheet
356Kb / 22P
350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321 Datasheet
479Kb / 24P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com