Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419 Datasheet (PDF) - STMicroelectronics

TS419 Datasheet PDF - STMicroelectronics
Part # TS419
Download  TS419 Download
File Size   990.83 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 360mW MONO AMPLIFIER WITH STANDBY MODE

TS419 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS419 Datasheet PDF - STMicroelectronics

Part # TS419
Download  TS419 Click to download

File Size   990.83 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 360mW MONO AMPLIFIER WITH STANDBY MODE

TS419 Datasheet (HTML) - STMicroelectronics


TS419 Product details

DESCRIPTION
The TS419/TS421 is a monaural audio power amplifier driving in BTL mode a 16 or 32Ω earpiece or receiver speaker. The main advantage of this configuration is to get rid of bulky output capacitors.
   
■ OPERATING FROM Vcc=2V to 5.5V
■ STANDBY MODE ACTIVE HIGH (TS419) or
    LOW (TS421)
■ OUTPUT POWER into 16Ω: 367mW @ 5V
    with 10% THD+N max or 295mW @5V and
    110mW @3.3V with 1% THD+N max.
■ LOW CURRENT CONSUMPTION: 2.5mA max
■ High Signal-to-Noise ratio: 95dB(A) at 5V
■ PSRR: 56dB typ. at 1kHz, 46dB at 217Hz
■ SHORT CIRCUIT LIMITATION
■ ON/OFF click reduction circuitry
■ Available in SO8, MiniSO8 & DFN 3x3
   
APPLICATIONS
■ 16/32 ohms earpiece or receiver speaker driver
■ Mobile and cordless phones (analog / digital)
■ PDAs & computers
■ Portable appliances
   




Similar Part No. - TS419

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS419 STMICROELECTRONICS-TS419 Datasheet
1Mb / 42P
360 mW mono amplifier with standby mode
22-Apr-2025
TS419IST STMICROELECTRONICS-TS419IST Datasheet
1Mb / 42P
360 mW mono amplifier with standby mode
22-Apr-2025
TS419 STMICROELECTRONICS-TS419_V01 Datasheet
1Mb / 42P
360 mW mono amplifier with standby mode
22-Apr-2025
More results


Similar Description - TS419

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS486 STMICROELECTRONICS-TS486 Datasheet
1Mb / 31P
100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
Jun-2003
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
logo
Unisonic Technologies
S486 UTC-S486 Datasheet
162Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486_11 Datasheet
266Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
Global Mixed-mode Techn...
G1442 GMT-G1442 Datasheet
848Kb / 1P
2.6W Mono Audio Amplifier with Shutdown Mode
G1445 GMT-G1445 Datasheet
477Kb / 1P
2.6W Mono Audio Amplifier with Shutdown Mode
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Unisonic Technologies
S486 UTC-S486_15 Datasheet
266Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
logo
Unisonic Technologies
S486 UTC-S486_17 Datasheet
242Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com