Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS419
Description  360mW MONO AMPLIFIER WITH STANDBY MODE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS419 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS419 Datasheet HTML 4Page - STMicroelectronics TS419 Datasheet HTML 5Page - STMicroelectronics TS419 Datasheet HTML 6Page - STMicroelectronics TS419 Datasheet HTML 7Page - STMicroelectronics TS419 Datasheet HTML 8Page - STMicroelectronics TS419 Datasheet HTML 9Page - STMicroelectronics TS419 Datasheet HTML 10Page - STMicroelectronics TS419 Datasheet HTML 11Page - STMicroelectronics TS419 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TS419-TS421
8/32
Index of Graphs
Note : All measurements made with Rin=20k
Ω, Cb=1µF, and Cin=10µF unless otherwise specified.
Description
Figure
Page
Common Curves
Open Loop Gain and Phase vs Frequency
1 to 12
9 to 10
Current Consumption vs Power Supply Voltage
13
11
Current Consumption vs Standby Voltage
14 to 19
11 to 12
Output Power vs Power Supply Voltage
20 to 23
12
Output Power vs Load Resistor
24 to 27
12 to 13
Power Dissipation vs Output Power
28 to 31
13 to 14
Power Derating vs Ambiant Temperature
32
14
Output Voltage Swing vs Supply Voltage
33
14
Low Frequency Cut Off vs Input Capacitor
34
14
Curves With 6dB Gain Setting (Av=2)
THD + N vs Output Power
35 to 43
15 to 16
THD + N vs Frequency
44 to 46
16
Signal to Noise Ratio vs Power Supply Voltage
47 to 48
17
Noise Floor
49 to 50
17
PSRR vs Frequency
51 to 55
17 to 18
Curves With 12dB Gain Setting (Av=4)
THD + N vs Output Power
56 to 64
19 to 20
THD + N vs Frequency
65 to 67
20
Signal to Noise Ratio vs Power Supply Voltage
68 to 69
21
Noise Floor
70 to 71
21
PSRR vs Frequency
72 to 76
21 to 22
Curves With 18dB Gain Setting (Av=8)
THD + N vs Output Power
77 to 85
23 to 24
THD + N vs Frequency
86 to 88
24
Signal to Noise Ratio vs Power Supply Voltage
89 to 90
25
Noise Floor
91 to 92
25
PSRR vs Frequency
93 to 97
25 to 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com