Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS419
Description  360mW MONO AMPLIFIER WITH STANDBY MODE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS419 Datasheet(HTML) 2 Page - STMicroelectronics

  TS419 Datasheet HTML 1Page - STMicroelectronics TS419 Datasheet HTML 2Page - STMicroelectronics TS419 Datasheet HTML 3Page - STMicroelectronics TS419 Datasheet HTML 4Page - STMicroelectronics TS419 Datasheet HTML 5Page - STMicroelectronics TS419 Datasheet HTML 6Page - STMicroelectronics TS419 Datasheet HTML 7Page - STMicroelectronics TS419 Datasheet HTML 8Page - STMicroelectronics TS419 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TS419-TS421
2/32
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply voltage 1)
6V
Vi
Input Voltage
-0.3V to VCC +0.3V
V
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient
SO8
MiniSO8
DFN8
175
215
70
°C/W
Pd
Power Dissipation 2)
SO8
MiniSO8
DFN8
0.71
0.58
1.79
W
ESD
Human Body Model (pin to pin): TS4193), TS421
1.5
kV
ESD
Machine Model - 220pF - 240pF (pin to pin)
100
V
Latch-up Latch-up Immunity (All pins)
200
mA
Lead Temperature (soldering, 10sec)
250
°C
Output Short-Circuit to Vcc or GND
continous 4)
1. All voltage values are measured with respect to the ground pin.
2. Pd has been calculated with Tamb = 25°C, Tjunction = 150°C.
3. TS419 stands 1.5KV on all pins except standby pin which stands 1KV.
4. Attention must be paid to continous power dissipation (VDD x 300mA). Exposure of the IC to a short circuit for an extended time period is
dramatically reducing product life expectancy.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 5.5
V
RL
Load Resistor
≥ 16
Ω
Toper
Operating Free Air Temperature Range
-40 to + 85
°C
CL
Load Capacitor
RL = 16 to 100Ω
RL > 100Ω
400
100
pF
VICM
Common Mode Input Voltage Range
GND to VCC-1V
V
VSTB
Standby Voltage Input
TS421
ACTIVE
/ TS419 in STANDBY
TS421 in STANDBY / TS419
ACTIVE
1.5
≤ V
STB ≤ VCC
GND
≤ V
STB ≤ 0.4
1)
V
RTHJA
Thermal Resistance Junction to Ambient
SO8
MiniSO8
DFN8 2)
150
190
41
°C/W
Twu
Wake-up time from standby to active mode (Cb = 1µF) 3)
≥ 0.12
s
1. The minimum current consumption (
ISTANDBY) is guaranteed at VCC (TS419) or GND (TS421) for the whole temperature range.
2. When mounted on a 4-layer PCB
3. For more details on TWU, please refer to application note section on Wake-up time page 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com