Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS419
Description  360mW MONO AMPLIFIER WITH STANDBY MODE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS419 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS419 Datasheet HTML 3Page - STMicroelectronics TS419 Datasheet HTML 4Page - STMicroelectronics TS419 Datasheet HTML 5Page - STMicroelectronics TS419 Datasheet HTML 6Page - STMicroelectronics TS419 Datasheet HTML 7Page - STMicroelectronics TS419 Datasheet HTML 8Page - STMicroelectronics TS419 Datasheet HTML 9Page - STMicroelectronics TS419 Datasheet HTML 10Page - STMicroelectronics TS419 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TS419-TS421
7/32
ELECTRICAL CHARACTERISTICS
VCC = +2V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
1.7
2.5
mA
ISTANDBY
Standby Current
No input signal, VSTANDBY=GND for TS421
No input signal, VSTANDBY=Vcc for TS419
10
1000
nA
Voo
Output Offset Voltage
No input signal, RL = 16 or 32
Ω, Rfeed=20kΩ
525
mV
PO
Output Power
THD+N = 0.1% Max, F = 1kHz, RL = 32Ω
THD+N =
1% Max, F = 1kHz, RL = 32Ω
THD+N = 10% Max, F = 1kHz, RL = 32Ω
THD+N = 0.1% Max, F = 1kHz, RL = 16Ω
THD+N =
1% Max, F = 1kHz, RL = 16Ω
THD+N = 10% Max, F = 1kHz, RL = 16Ω
19
24
20
23
30
26
30
40
mW
THD + N
Total Harmonic Distortion + Noise (Av=2)
RL = 32Ω, Pout = 13mW, 20Hz ≤ F ≤ 20kHz
RL = 16Ω, Pout = 20mW, 20Hz ≤ F ≤ 20kHz
0.1
0.15
%
PSRR
Power Supply Rejection Ratio (Av=2)
1)
inputs grounded, F = 1kHz
, Vripple = 200mVpp, Cb=1µF
1. Guaranteed by design and evaluation.
49
54
dB
SNR
Signal-to-Noise Ratio (Weighted A, Av=2)
1)
(RL = 32Ω, THD +N < 0.5%, 20Hz ≤ F ≤ 20kHz)
80
89
dB
Φ
M
Phase Margin at Unity Gain
RL = 16Ω, CL = 400pF
58
Degrees
GM
Gain Margin
RL = 16Ω, CL = 400pF
20
dB
GBP
Gain Bandwidth Product
RL = 16Ω
1.1
MHz
SR
Slew Rate
RL = 16Ω
0.4
V/
µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com