Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS419
Description  360mW MONO AMPLIFIER WITH STANDBY MODE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS419 Datasheet(HTML) 3 Page - STMicroelectronics

  TS419 Datasheet HTML 1Page - STMicroelectronics TS419 Datasheet HTML 2Page - STMicroelectronics TS419 Datasheet HTML 3Page - STMicroelectronics TS419 Datasheet HTML 4Page - STMicroelectronics TS419 Datasheet HTML 5Page - STMicroelectronics TS419 Datasheet HTML 6Page - STMicroelectronics TS419 Datasheet HTML 7Page - STMicroelectronics TS419 Datasheet HTML 8Page - STMicroelectronics TS419 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TS419-TS421
3/32
FIXED GAIN VERSION SPECIFIC ELECTRICAL CHARACTERISTICS
V
CC from +5V to +2V, GND = 0V, Tamb = 25°C (unless otherwise specified)
APPLICATION COMPONENTS INFORMATION
TYPICAL APPLICATION SCHEMATICS:
Symbol
Parameter
Min.
Typ.
Max.
Unit
RIN
Input Resistance
20
k
Ω
G
Gain value for Gain TS419/TS421-2
Gain value for Gain TS419/TS421-4
Gain value for Gain TS419/TS421-8
6dB
12dB
18dB
dB
Components
Functional Description
RIN
Inverting input resistor which sets the closed loop gain in conjunction with RFEED. This resistor also
forms a high pass filter with CIN (fcl = 1 / (2 x Pi x RIN x CIN)). Not needed in fixed gain versions.
CIN
Input coupling capacitor which blocks the DC voltage at the amplifier’s input terminal
RFEED
Feedback resistor which sets the closed loop gain in conjunction with RIN.
AV= Closed Loop Gain= 2xRFEED/RIN. Not needed in fixed gain versions.
CS
Supply Bypass capacitor which provides power supply filtering.
CB
Bypass capacitor which provides half supply filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com