Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS419
Description  360mW MONO AMPLIFIER WITH STANDBY MODE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS419 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS419 Datasheet HTML 11Page - STMicroelectronics TS419 Datasheet HTML 12Page - STMicroelectronics TS419 Datasheet HTML 13Page - STMicroelectronics TS419 Datasheet HTML 14Page - STMicroelectronics TS419 Datasheet HTML 15Page - STMicroelectronics TS419 Datasheet HTML 16Page - STMicroelectronics TS419 Datasheet HTML 17Page - STMicroelectronics TS419 Datasheet HTML 18Page - STMicroelectronics TS419 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
TS419-TS421
15/32
Fig. 35: THD + N vs Output Power
Fig. 37: THD + N vs Output Power
Fig. 39: THD + N vs Output Power
Fig. 36: THD + N vs Output Power
Fig. 38: THD + N vs Output Power
Fig. 40: THD + N vs Output Power
1
10
100
1E-3
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.5V
Vcc=2V
RL = 8
Ω
F = 20Hz
Av = 2
Cb = 1
µF
BW < 22kHz
Tamb = 25
°C
Output Power (mW)
1
10
100
1E-3
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.5V
Vcc=2V
RL = 32
Ω
F = 20Hz
Av = 2
Cb = 1
µF
BW < 22kHz
Tamb = 25
°C
Output Power (mW)
1
10
100
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.5V
Vcc=2V
RL = 16
Ω
F = 1kHz
Av = 2
Cb = 1
µF
BW < 125kHz
Tamb = 25
°C
Output Power (mW)
1
10
100
1E-3
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.5V
Vcc=2V
RL = 16
Ω
F = 20Hz
Av = 2
Cb = 1
µF
BW < 22kHz
Tamb = 25
°C
Output Power (mW)
1
10
100
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.5V
Vcc=2V
RL = 8
Ω
F = 1kHz
Av = 2
Cb = 1
µF
BW < 125kHz
Tamb = 25
°C
Output Power (mW)
1
10
100
1E-3
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.5V
Vcc=2V
RL = 32
Ω
F = 1kHz
Av = 2
Cb = 1
µF
BW < 125kHz
Tamb = 25
°C
Output Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com