Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS419
Description  360 mW mono amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS419 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS419 Datasheet HTML 4Page - STMicroelectronics TS419 Datasheet HTML 5Page - STMicroelectronics TS419 Datasheet HTML 6Page - STMicroelectronics TS419 Datasheet HTML 7Page - STMicroelectronics TS419 Datasheet HTML 8Page - STMicroelectronics TS419 Datasheet HTML 9Page - STMicroelectronics TS419 Datasheet HTML 10Page - STMicroelectronics TS419 Datasheet HTML 11Page - STMicroelectronics TS419 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Table 7. Electrical characteristics VCC = +2 V, GND = 0 V, Tamb = 25 °C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
1.7
2.5
mA
ISTANDBY
Standby current
No input signal, VSTANDBY = GND for TS421
No input signal, VSTANDBY = VCC for TS419
10
1000
nA
VOO
Output offset voltage
No input signal, RL = 16 Ω or 32 Ω, Rfeed = 20 kΩ
5
25
mV
PO
Output power
THD+N = 0.1% Max, F = 1 kHz, RL = 32 Ω
20
mW
Output power
THD+N = 1% Max, F = 1 kHz, RL = 32 Ω
19
23
Output power
THD+N = 10% Max, F = 1 kHz, RL = 32 Ω
30
Output power
THD+N = 0.1% Max, F = 1 kHz, RL = 16 Ω
26
Output power
THD+N = 1% Max, F = 1 kHz, RL = 16 Ω
24
30
Output power
THD+N = 10% Max, F = 1 kHz, RL = 16 Ω
40
THD + N
Total harmonic distortion + noise (Av = 2)
RL = 32 Ω, Pout = 150 mW, 20 Hz ≤ F ≤ 20 kHz
RL = 16 Ω, Pout = 220 mW, 20 Hz ≤ F ≤ 20 kHz
0.1
0.15
%
PSRR
Power supply rejection ratio (Av = 2) (1)
F = 1 kHz, Vripple = 200 mVpp, input grounded, Cb = 1 μF
49
54
dB
SNR
Signal-to-Noise Ratio (Weighted A, Av = 2) (1)
(RL = 32 Ω, THD +N < 0.5%, 20 Hz ≤ F ≤ 20 kHz)
80
89
dB
ϕM
Phase margin at unity gain
RL = 16 Ω, CL = 400 pF
58
Degrees
GM
Gain margin
RL = 16 Ω, CL = 400 pF
20
dB
GBP
Gain bandwidth product
RL = 16 Ω
1.1
MHz
SR
Slew rate
RL = 16 Ω
0.4
V/µS
1. Guaranteed by design and evaluation.
TS419, TS421
Electrical characteristics
DS3048 - Rev 7
page 8/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com