Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TS419
Description  360 mW mono amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS419 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TS419 Datasheet HTML 26Page - STMicroelectronics TS419 Datasheet HTML 27Page - STMicroelectronics TS419 Datasheet HTML 28Page - STMicroelectronics TS419 Datasheet HTML 29Page - STMicroelectronics TS419 Datasheet HTML 30Page - STMicroelectronics TS419 Datasheet HTML 31Page - STMicroelectronics TS419 Datasheet HTML 32Page - STMicroelectronics TS419 Datasheet HTML 33Page - STMicroelectronics TS419 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
POUT= VPEAK22RLW
(6)
Then, the average current delivered by the supply voltage is:
IccAVG=2VPEAKπRLA
(7)
The power delivered by the supply voltage is Psupply = Vcc IccAVG (W)
Then, the power dissipated by the amplifier is Pdiss = Psupply - Pout (W)
Pdiss= 2 2VccπRL POUT−POUTW
(8)
and the maximum value is obtained when:
∂Pdiss
∂POUT=0
(9)
and its value is:
Pdissmax = 2VCC2π2RLW
(10)
Remark : This maximum value is only depending on power supply voltage and load values.
The efficiency is the ratio between the output power and the power supply
η= POUTPsupply=πVPEAK4VCC
(11)
The maximum theoretical value is reached when
Vpeak = Vcc, so
π4=78.5%
(12)
5.5
Decoupling of the circuit
Two capacitors are needed to bypass properly the TS419/TS421. A power supply bypass capacitor CS and a bias
voltage bypass capacitor CB.
CS has particular influence on the THD+N in the high frequency region (above 7 kHz) and an indirect influence on
power supply disturbances.
With 1 μF, you can expect similar THD+N performances to those shown in the datasheet.
In the high frequency region, if CS is lower than 1 μF, it increases THD+N and disturbances on the power supply
rail are less filtered.
On the other hand, if CS is higher than 1 μF, those disturbances on the power supply rail are more filtered.
CB has an influence on THD+N at lower frequencies, but its function is critical to the final result of PSRR (with
input grounded and in the lower frequency region).
If CB is lower than 1 μF, THD+N increases at lower frequencies and PSRR worsens.
If CB is higher than 1 μF, the benefit on THD+N at lower frequencies is small, but the benefit to PSRR is
substantial.
Note:
that CIN has a non-negligible effect on PSRR at lower frequencies. The lower the value of CIN, the higher the
PSRR.
TS419, TS421
Application information
DS3048 - Rev 7
page 30/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com