Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419 Datasheet(PDF) 39 Page - STMicroelectronics

Part # TS419
Description  360 mW mono amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS419 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TS419 Datasheet HTML 34Page - STMicroelectronics TS419 Datasheet HTML 35Page - STMicroelectronics TS419 Datasheet HTML 36Page - STMicroelectronics TS419 Datasheet HTML 37Page - STMicroelectronics TS419 Datasheet HTML 38Page - STMicroelectronics TS419 Datasheet HTML 39Page - STMicroelectronics TS419 Datasheet HTML 40Page - STMicroelectronics TS419 Datasheet HTML 41Page - STMicroelectronics TS419 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
List of tables
Table 1.
Absolute maximum ratings ............................................................. 2
Table 2.
Operating conditions ................................................................. 3
Table 3.
Application components information ....................................................... 4
Table 4.
Electrical characteristics VCC = +5 V, GND = 0 V, Tamb = 25 °C (unless otherwise specified) ................ 5
Table 5.
Electrical characteristics VCC = +3.3 V, GND = 0 V, Tamb = 25 °C (unless otherwise specified) ............... 6
Table 6.
Electrical characteristics VCC = +2.5 V, GND = 0 V, Tamb = 25 °C (unless otherwise specified) ............... 7
Table 7.
Electrical characteristics VCC = +2 V, GND = 0 V, Tamb = 25 °C (unless otherwise specified) ................ 8
Table 8.
Components ...................................................................... 32
Table 9.
MiniSO-8 mechanical data ............................................................ 34
Table 10.
DFN8 (3x3) mechanical data ........................................................... 35
Table 11.
Order codes ...................................................................... 36
Table 12.
Document revision history ............................................................. 37
TS419, TS421
List of tables
DS3048 - Rev 7
page 39/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com