Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS419
Description  360 mW mono amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS419 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS419 Datasheet HTML 9Page - STMicroelectronics TS419 Datasheet HTML 10Page - STMicroelectronics TS419 Datasheet HTML 11Page - STMicroelectronics TS419 Datasheet HTML 12Page - STMicroelectronics TS419 Datasheet HTML 13Page - STMicroelectronics TS419 Datasheet HTML 14Page - STMicroelectronics TS419 Datasheet HTML 15Page - STMicroelectronics TS419 Datasheet HTML 16Page - STMicroelectronics TS419 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Figure 18. Current consumption vs. standby
voltage Vcc = 5 V (TS421)
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
Ta=85°C
Ta=25°C
TS421
Vcc = 5V
No load
Ta=-40°C
Standby Voltage (V)
Figure 19. Current consumption vs. standby
voltage Vcc = 3.3 V (TS421)
0
1
2
3
0.0
0.5
1.0
1.5
2.0
Ta=85°C
Ta=25°C
TS421
Vcc = 3.3V
No load
Ta=-40°C
Standby Voltage (V)
Figure 20. Current consumption vs. standby
voltage Vcc = 2 V (TS421)
2
1
0
0.0
0.5
1.0
1.5
2.0
Ta=85°C
Ta=25°C
TS421
Vcc = 2V
No load
Ta=-40°C
Standby Voltage (V)
Figure 21. Output power vs. power supply voltage
RL = 8 Ω
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
50
100
150
200
250
300
350
400
450
500
550
THD+N=10%
THD+N=0.1%
RL = 8Ω
F = 1kHz
BW < 125kHz
Tamb = 25°C
THD+N=1%
Vcc (V)
TS419, TS421
Electrical characteristics curves
DS3048 - Rev 7
page 13/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com