Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS419
Description  360 mW mono amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS419 Datasheet(HTML) 1 Page - STMicroelectronics

  TS419 Datasheet HTML 1Page - STMicroelectronics TS419 Datasheet HTML 2Page - STMicroelectronics TS419 Datasheet HTML 3Page - STMicroelectronics TS419 Datasheet HTML 4Page - STMicroelectronics TS419 Datasheet HTML 5Page - STMicroelectronics TS419 Datasheet HTML 6Page - STMicroelectronics TS419 Datasheet HTML 7Page - STMicroelectronics TS419 Datasheet HTML 8Page - STMicroelectronics TS419 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Features
•
Operating from VCC = 2 V to 5.5 V
•
Standby mode active high (TS419) or low (TS421)
•
Output power into 16 Ω: 367 mW @ 5 V with 10% THD+N max or 295 mW @
5 V and 110 mW @ 3.3 V with 1% THD+N max.
•
Low current consumption: 2.5 mA max.
•
High signal-to-noise ratio: 95 dB (A) at 5 V
•
PSRR: 56 dB typ. at 1 kHz, 46 dB at 217 Hz
•
Short-circuit limitation
•
ON/OFF click reduction circuitry
•
Available in MiniSO8 and DFN 3x3
Applications
•
16 / 32 Ω earpiece or receiver speaker driver
•
Mobile and cordless phones (analog / digital)
•
PDAs & computers
•
Portable appliances
Description
The TS419 / TS421, is a monaural audio power amplifier driving in BTL mode a 16 or
32 Ω earpiece or receiver speaker. The main advantage of this configuration is to get
rid of bulky output capacitors.
Capable of descending to low voltages, it delivers up to 220 mW per channel (into
16 Ω loads) of continuous average power with 0.2% THD+N in the audio bandwidth
from a 5 V power supply.
An externally controlled standby mode reduces the supply current to 10 nA (typ.).
The TS419 / TS421 can be configured by external gain-setting resistors.
TS419IST : MiniSO8
Standby
Bypass
V +
IN
VIN-
VOUT2
GND
VCC
VOUT1
1
2
3
4
8
7
6
5
TS421IQT : DFN8
Standby
Bypass
V +
IN
VIN-
VOUT2
GND
VCC
VOUT1
1
2
3
4
5
8
7
6
Maturity status link
TS419, TS421
360 mW mono amplifier with standby mode
TS419, TS421
Datasheet
DS3048 - Rev 7 - April 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TS419

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS419 STMICROELECTRONICS-TS419 Datasheet
990Kb / 32P
360mW MONO AMPLIFIER WITH STANDBY MODE
Jun-2003
TS419-2 STMICROELECTRONICS-TS419-2 Datasheet
990Kb / 32P
360mW MONO AMPLIFIER WITH STANDBY MODE
Jun-2003
TS419-4 STMICROELECTRONICS-TS419-4 Datasheet
990Kb / 32P
360mW MONO AMPLIFIER WITH STANDBY MODE
Jun-2003
TS419-8 STMICROELECTRONICS-TS419-8 Datasheet
990Kb / 32P
360mW MONO AMPLIFIER WITH STANDBY MODE
Jun-2003
More results

Similar Description - TS419

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS419 STMICROELECTRONICS-TS419 Datasheet
990Kb / 32P
360mW MONO AMPLIFIER WITH STANDBY MODE
Jun-2003
TS486 STMICROELECTRONICS-TS486 Datasheet
1Mb / 31P
100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
Jun-2003
logo
Texas Instruments
TPA301 TI-TPA301 Datasheet
356Kb / 22P
350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321 Datasheet
479Kb / 24P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com