Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet (PDF) - STMicroelectronics

TSC2010H Datasheet PDF - STMicroelectronics
Part # TSC2010H_V01
Download  TSC2010H Download
File Size   3115.87 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature, high voltage, precision, bidirectional current sense amplifiers

TSC2010H Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC2010H Datasheet PDF - STMicroelectronics

Part # TSC2010H_V01
Download  TSC2010H Click to download

File Size   3115.87 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature, high voltage, precision, bidirectional current sense amplifiers

TSC2010H Datasheet (HTML) - STMicroelectronics


TSC2010H Product details

Features
• Wide common mode voltage: - 20 to 70 V
• Offset voltage: ± 200 μV max.
• 2.7 to 5.5 V supply voltage
• Different gain available
– TSC2010H: 20 V/V
– TSC2011H: 60 V/V
– TSC2012H: 100 V/V
• Gain error: 0.3% max.
• Offset drift: 5 μV/°C max.
• Quiescent current: 20 μA in shutdown mode
• SO8 package
• -40 to +150 °C temperature range

Applications
• High-side current sensing
• Low-side current sensing
• Industrial process control
• Motor control
• Solenoid control




Similar Part No. - TSC2010H_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC2010HYDT STMICROELECTRONICS-TSC2010HYDT Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
More results


Similar Description - TSC2010H_V01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8640 TI-LMP8640_15 Datasheet
1Mb / 32P
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
LMP8640HV TI-LMP8640HV_15 Datasheet
1Mb / 32P
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
Precision High Voltage Current Sense Amplifiers
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com