Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSC2010H_V01 Datasheet HTML 6Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 7Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 8Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 9Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 10Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 11Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 12Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 13Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
4.1
Typical characteristics
The TSC2011H is used for typical characteristics, unless otherwise noted.
Figure 3. Supply current vs. supply voltage
2.8
3.1
3.5
3.9
4.2
4.5
4.9
5.3
2.8
3.5
4.2
4.9
1.3
1.4
1.5
1.6
1.7
1.8
1.9
1.4
1.6
1.8
Vicm=70V
Vicm=12V
Vref=Vcc/2
Vsense=0V
T=25°C
Vicm=2.5V
Vicm=0V
Supply voltage (V)
Figure 4. Supply current vs. input common mode
-20
-10
0
10
20
30
40
50
60
70
-20
0
20
40
60
1.3
1.4
1.5
1.6
1.7
1.8
1.9
1.4
1.6
1.8
Vcc=2.7V
Vref=Vcc/2
Vsense=0V
T=25°C
Vcc=3.3V
Vcc=5V
Vicm (V)
Figure 5. Supply current vs. temperature
-40 -20
0
20
40
60
80 100 120 140
1.3
1.4
1.5
1.6
1.7
1.8
1.9
Vicm=70V
Vicm=48V
Vicm=12V
Vref=Vcc/2
Vsense=0V
Vcc=5V
Vicm=-20V
Vicm=0V
Temperature (°C)
Figure 6. Supply current vs. input common mode with
active shutdown mode
-20
-10
0
10
20
30
40
50
60
70
-20
0
20
40
60
0
2
4
6
8
10
12
14
16
18
20
22
24
0
4
8
12
16
20
24
Vcc=2.7V
Vref=Vcc/2
SHDN=Vcc
Vsense=0V
T=25°C
Vcc=5 V
Vcc=3.3V
Vicm (V)
TSC2010H, TSC2011H, TSC2012H
Electrical characteristics
DS13791 - Rev 2
page 10/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com