Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet(PDF) 30 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TSC2010H_V01 Datasheet HTML 26Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 27Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 28Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 29Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 30Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 31Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 32Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 33Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Due to a small mismatch of the internal resistance the error, on the output common mode voltage, can be
described as in equation 8:
Vocm= Vref1+Vref2
2 . 1+εAcc
(8)
Where
 εAccistheaccuracyreferredtotheoutputwithatypicalvalueof0.1%.
•
Noise
The Figure 50. Noise vs. frequency expresses the noise referred to the input of the TSC2011H. This device
shows a 1/f noise until 10 kHz frequency. Above this limit the white noise density is 29 nV/
Hz,untilthebandwidth
of the TSC2011H.
The noise can be then expressed as two terms, the former related to the 1/f noise and the latter due to the white
noise. If we consider that there is no additional filter on the TSC2011H and it is only bandwidth limited, it can be
considered that over the 750 kHz, there is an attenuation of the noise with a first order filtering. So the equivalent
noise bandwidth is
750kHz.π2.
The RMS value of the output noise is the integration of the spectral noise over the bandwidth of interest and can
be expressed as equation 9:
enRMS= 0.110000 29.10−9f
10.103
2df+0.1750000.π229.10−92df*Gain
(9)
•
Total error
The maximum total error expected on the output of the device can be described as the sum of the different source
described just above. The total output accuracy can be written as equation 10.
Vouterr=Gain*Rsense*Iload εgain+εRsense +Gain.Vio+Gain
. Vicm−12V
CMR +Vocm εAcc +noise
(10)
Iload is described in Figure 63. Input current and the output noise is described by equation 9.
Note that the input bias currents are not taken into account in this section, as they are already integrated in the
Vsense. Figure 63. Input current below depicts the current flowing from the source to the load when the input
common mode voltage is higher than the supply voltage.
Figure 63. Input current
From a calculation approach, when Vicm voltage is beyond Vcc, Iload must be considered as the sum of Isource and
Input bias current (Iib). Note that the input bias current on the pin IN– is largely lower and can be neglected.
Figure 63. Input current also expresses that the TSC2011H cannot measure the current in the same order as
input bias current (several hundreds of µA).
TSC2010H, TSC2011H, TSC2012H
Application information
DS13791 - Rev 2
page 30/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com