Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSC2010H_V01 Datasheet HTML 15Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 16Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 17Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 18Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 19Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 20Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 21Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 22Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Figure 41. Large signal response with VCC = 5 V
(TSC2012H)
-5µ
0
10µ
15µ
-3
-2
-1
0
1
2
3
-150
-125
-100
-75
-50
-25
0
25
50
75
100
125
150
Time (s)
Vout
Vsense
Vcc = 5 V,
Vicm = 12 V,
Vsense = 45 mVpp
Cl = 100 pF,
T = 25°C
Figure 42. Large signal response with VCC = 2.7 V
-5µ
0
10µ
15µ
-3
-2
-1
0
1
2
3
-50
-25
0
25
50
Time (s)
Vout
Vsense
Vcc=2.7V,
Vicm=12V,
Vsense=40mVpp
Cl=100pF,
T=25°C
Figure 43. 12 V common mode step response recovery
-10µ
0
10µ
20µ
30µ
-2
-1
0
1
2
3
4
5
-20
-15
-10
-5
0
5
10
15
20
Time (s)
Vout
Vicm
Vcc=5V,
Vicm edge 10ns,
Vsense=0V, Vref=2.5V
Rl=10kΩ , Cl=100pF,
T=25°C
Figure 44. 50 V common mode step response recovery
-10µ
0
10µ
20µ
30µ
-2
-1
0
1
2
3
4
5
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
Time (s)
Vout
Vicm
Vcc=5V,
Vicm edge 10ns,
Vsense=0V, Vref=2.5V
Rl=10kΩ, Cl=100pF,
T=25°C
TSC2010H, TSC2011H, TSC2012H
Electrical characteristics
DS13791 - Rev 2
page 19/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com