Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet(PDF) 42 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 42 Page - STMicroelectronics

Back Button TSC2010H_V01 Datasheet HTML 38Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 39Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 40Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 41Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 42Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 43Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 44Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 45Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
6
Package information
To meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions, and product
status are available at: www.st.com. ECOPACK is an ST trademark.
6.1
SO8 package information
Figure 82. SO8 package outline
Table 7. SO-8 mechanical data
Dim.
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
A1
0.1
0.25
0.004
0.01
A2
1.25
0.049
b
0.28
0.48
0.011
0.019
c
0.17
0.23
0.007
0.01
D
4.8
4.9
5
0.189
0.193
0.197
E
5.8
6
6.2
0.228
0.236
0.244
E1
3.8
3.9
4
0.15
0.154
0.157
e
1.27
0.05
h
0.25
0.5
0.01
0.02
L
0.4
1.27
0.016
0.05
L1
1.04
0.04
k
0
8 °
1 °
8 °
ccc
0.1
0.004
TSC2010H, TSC2011H, TSC2012H
Package information
DS13791 - Rev 2
page 42/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com