Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 1 Page - STMicroelectronics

  TSC2010H_V01 Datasheet HTML 1Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 2Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 3Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 4Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 5Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 6Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 7Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 8Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Features
Wide common mode voltage: - 20 to 70 V
Offset voltage: ± 200 µV max.
2.7 to 5.5 V supply voltage
Different gain available
TSC2010H: 20 V/V
TSC2011H: 60 V/V
TSC2012H: 100 V/V
Gain error: 0.3% max.
Offset drift: 5 µV/°C max.
Quiescent current: 20 µA in shutdown mode
SO8 package
-40 to +150 °C temperature range
Applications
High-side current sensing
Low-side current sensing
Industrial process control
Motor control
Solenoid control
Description
The TSC2010H, TSC2011H and TSC2012H are precision bidirectional current sense
amplifiers. They can sense the current thanks to a shunt resistor over a wide range of
common mode voltages, from - 20 to + 70 V, whatever the supply voltage is. They
are available with an amplifier gain of 20 V/V for TSC2010H, 60 V/V for TSC2011H
and 100 V/V for TSC2012H.
They are able to sense very low drop voltages as low as 10 mV full scale minimizing
the measurement error.
The TSC2010H, TSC2011H and TSC2012H can also be used in other functions such
as: precision current measurement, overcurrent protection, current monitoring, and
feedback loops.
This device fully operates over the broad supply voltage range from 2.7 to 5.5 V and
over the industrial temperature range from -40 to 150 °C.
SO8
Product status link
TSC2010H, TSC2011H, TSC2012H
High temperature, high voltage, precision, bidirectional current sense amplifiers
TSC2010H, TSC2011H, TSC2012H
Datasheet
DS13791 - Rev 2 - February 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSC2010H_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC2010HYDT STMICROELECTRONICS-TSC2010HYDT Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
More results

Similar Description - TSC2010H_V01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8640 TI-LMP8640_15 Datasheet
1Mb / 32P
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
LMP8640HV TI-LMP8640HV_15 Datasheet
1Mb / 32P
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
Precision High Voltage Current Sense Amplifiers
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com