Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet(PDF) 39 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TSC2010H_V01 Datasheet HTML 35Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 36Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 37Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 38Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 39Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 40Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 41Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 42Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
5.13
Application examples
5.13.1
H-bridge motor control
The H-bridge topology is very popular in motor control, DC-DC converters, LED lighting control and other
bidirectional loads from a single supply potential.
The TSC2011H provides a feedback control system for current but also detects overload conditions.
Figure 1 describes a typical schematic using the TSC2011H in a motor control application. A 20 mΩ shunt
resistance in series with the motor monitors a measurable voltage drop representing the load current, and the
TSC2011H amplifies the Vsense in order to give some information about the current flowing into the motor in real
time. This information is then digitalizing by the 12-bit ADC (ADC120).
Figure 79. H-bridge application
General overview:
To make the motor rotation occur, the NMOS H1, H2, L1, L2 are driven by a H-bridge quad power MOSFET
driver. We have to consider that the current flows from 12 V to the GND, through H1 NMOS and L2 NMOS. A
PWM is applied on the NMOS L2 in order to control the current and thus the speed of the motor.
By PWM, the average voltage applied on the motor is controlled. H1 remains always ON and the PWM is applied
on L2. When L2 is turned OFF, H2 must be turned ON, for freewheeling, allowing the discharge of the motor
inductance current. This phenomenon generates a fast input common mode voltage transition on the TSC2011H,
from 0 V to 12 V.
Thanks to a good recovery time due to fast input common mode change, the TSC2011H follows the current
flowing into the motor as depicted by the scope probe in Figure 80. TSC2011H H-bridge application.
The black curve represents the fast Vicm variation step of 12 V in 500 ns when the freewheeling is activated. The
blue curve represents the current flowing into the motor measured with a current probe.
The red curve represents the output voltage - 1.35 V (Vref voltage) of the TSC2011H probe after the RC filter.
The RC filter, used to drive the ADC120, smoothens the output signal a little and adds a small constant time, in
the range of 1 µs.
TSC2010H, TSC2011H, TSC2012H
Application information
DS13791 - Rev 2
page 39/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com