Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet(PDF) 28 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TSC2010H_V01 Datasheet HTML 24Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 25Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 26Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 27Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 28Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 29Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 30Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 31Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
5.4
RSENSE selection
The selection of the shunt resistor is a trade-off between the dynamic range and power dissipation.
Generally, in high current sensing applications, the main focus is to reduce as much as possible the power
dissipation (I²R) by choosing the smallest value of shunt. It could be quite easy if a full scale current to measure is
small.
In low current applications the Rsense value could be higher, to minimize the impact of the offset voltage on the
circuit. Due to input bias current of several µA, the TSC2011H cannot measure the current in the same range,
when the common mode voltage overpasses the power supply voltage (refer to section about theory of
operation).
The trade-off is mainly when a dynamic range of current to measure is large, meaning ability to measure with the
same shunt value from low current to high current. Generally, the current full scale (Imax-Imin) defines the shunt
value thanks to the full output voltage range, the gain of the TSC2011H. The TSC2011H can work with a full scale
∆Vout = 100 mV to Vcc - 100 mV with maximum gain accuracy of 0.3%.
At first order, the full current range to measure through Rsense can be defined by equation 2, just by taking the
gain error and input offset voltage as inaccuracy parameters:
Isense_full_scale*Rsense= Vcc−200mV
TSC_Gain1+Eg −2Vio
(2)
The Vsense parameter is defined in the electrical characteristics following equation 2.
Its purpose is to highlight that the product Rsense*TSC_gain is determined by the application, and that once one of
these two parameters is selected, the maximum value of the second one can be calculated.
•
If power dissipation in the shunt is the key point, RSense should be chosen as follows:
Rsense≤PmaxImax²
and then choosing the right gain. For example, for high current to sense, the TSC2012H can offer a gain of
100, in this manner a smaller shunt can be used and so limited power losses. However accuracy can be
lower.
•
Or choosing the product available on the shelf, and then size the shunt resistor value accordingly.
5.5
Input offset voltage drift overtemperature
The maximum input offset voltage drift overtemperature is defined as the offset variation related to the offset value
measured at 25 °C. The signal chain accuracy at 25 °C can be compensated during production at application
level. The maximum input voltage drift overtemperature enables the system designer to anticipate the effect of
temperature variations.
The maximum input voltage drift overtemperature is computed using equation 3:
ΔVioΔT=maxVioT −Vio25°C
T−25°C
(3)
where T = -40 °C and 150 °C.
The TSC2011H datasheet maximum value is guaranteed by measurements on a representative sample size
ensuring a Cpk (process capability index) greater than 1.3.
TSC2010H, TSC2011H, TSC2012H
Application information
DS13791 - Rev 2
page 28/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com