Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet(PDF) 32 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TSC2010H_V01 Datasheet HTML 28Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 29Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 30Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 31Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 32Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 33Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 34Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 35Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
5.7
Shutdown mode
If the SHDN pin is driven between 0.7 x Vcc and Vcc the TSC2011H enters low power shutdown mode, drawing
less than 20 µA, over the Vcc and Vicm range. In SHDN mode the output is in HiZ state.
Although there is an internal current source of 500 nA on the SHDN pin, keeping a low state allowing the
TSC2011H to work without any voltage applied on the SHDN pin, it is strongly recommended to apply the
dedicated voltage on the SHDN pin to ensure the full functionality of the TSC2011H, especially when fast
common mode variation appears.
The figure below depicts the architecture of the SHDN pin.
Figure 64. SHDN pin
•
With GND applied to SHDN pin the TSC2011H is in active mode
•
With Vcc applied to SHDN pin the TSC2011H is in shutdown mode
5.8
Stability
•
Driving switched capacitive loads
Some ADCs get their signal thanks to a sample and hold capacitor. If before a sampling this capacitance is fully
discharged, a fast current load can appear on the output of the TSC2011H during the sampling phase.
The scope probe in the figure below shows the output voltage of the TSC2011H excited by a 40 pF capacitor with
a 3.3 Vpp signal at 50 kHz to simulate the sample and hold circuit of the ADC120.
Figure 65. Capacitive load response at Vcc = 3.3 V
-4µ
0
4µ
8µ
12µ
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
-1000
-900
-800
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
800
900
1000
Time (s)
Sample and hold
Vout
Vcc=3.3V, Vicm=1.65V, Vsense=0Vpp
T=25°C,
50kHz square signal of 3.3V amplitude
injected in the output through 40pF
The ADC120 has a conversion rate of 50 ksps, which is perfect to sample and hold the output of the TSC2011H
without any error.
The following graph shows the behavior of the output of the TSC2011H under the worst case condition, as for
example, when there is an ADC120 channel change between two measurements.
TSC2010H, TSC2011H, TSC2012H
Application information
DS13791 - Rev 2
page 32/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com