Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1540 Datasheet (PDF) - Monolithic Power Systems

MP1540 Datasheet PDF - Monolithic Power Systems
Part # MP1540
Download  MP1540 Download
File Size   328.52 Kbytes
Page   8 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.3MHz, 18V Step-Up Converter

MP1540 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1540 Datasheet PDF - Monolithic Power Systems

Part # MP1540
Download  MP1540 Click to download

File Size   328.52 Kbytes
Page   8 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.3MHz, 18V Step-Up Converter

MP1540 Datasheet (HTML) - Monolithic Power Systems


MP1540 Product details

DESCRIPTION
The MP1540 is a 5-pin thin TSOT23 current mode step-up converter intended for small, low power applications. The MP1540 switches at 1.3MHz and allo ws the use of tiny, low cost capacitors and inductors 2mm or less in height. Internal soft-start results in small inrush current and extends battery life. The MP1540 operates from an input voltage as low as 2.5V and can generate 12V at up to 200mA from a 5V supply.
The MP1540 includes under voltage lockout, current limiting, and thermal overload protection to prevent damage in the event of an output overload. The MP1540 is available in a small 5-pin TSOT23 package.

FEATURES
• On Board Power MOSFET
• Uses Tiny Capacitors and Inductors
• 1.3MHz Fixed Switching Frequency
• Internal Soft-Start
• Operates with Input Voltage as Low as 2.5V and Output Voltage as High as 18V
• 12V at 200mA from 5V Input
• UVLO, Thermal Shutdown
• Internal Current Limit
• Available in a TSOT23-5 Package APPLICATIONS
• Camera Phone Flash
• Handheld Computers and PDAs
• Digital Still and Video Cameras
• External Modems
• Small LCD Displays
• White LED Driver

APPLICATIONS
• Camera Phone Flash
• Handheld Computers and PDAs
• Digital Still and Video Cameras
• External Modems
• Small LCD Displays
• White LED Driver




Similar Part No. - MP1540

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP1540-2 FAIRVIEW-MP1540-2 Datasheet
525Kb / 4P
2 Way Power Divider 2.92mm Connectors From 15 GHz to 40 GHz Rated at 10 Watts
REV 2.0
More results


Similar Description - MP1540

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Advanced Analogic Techn...
AAT1230 ANALOGICTECH-AAT1230 Datasheet
492Kb / 21P
18V 100mA Step-Up Converter
AAT1230_0610 ANALOGICTECH-AAT1230_0610 Datasheet
604Kb / 21P
18V 100mA Step-Up Converter
logo
Monolithic Power System...
EV0034 MPS-EV0034 Datasheet
178Kb / 4P
2A, 1.3MHz Step-Up Converter
MP1527 MPS-MP1527 Datasheet
272Kb / 14P
2A, 1.3MHz Step-Up Converter
logo
National Semiconductor ...
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Advanced Analogic Techn...
AAT1230 ANALOGICTECH-AAT1230_07 Datasheet
458Kb / 21P
18V 100mA Step-Up Converter
logo
Monolithic Power System...
MP3216 MPS-MP3216 Datasheet
421Kb / 10P
36V, 1.3MHz, 0.75A Step-up Converter With Output Disconnect
logo
Texas Instruments
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
18V, High Efficiency, DC-DC Step-Up Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com