Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1540 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1540
Description  1.3MHz, 18V Step-Up Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1540 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1540 Datasheet HTML 1Page - Monolithic Power Systems MP1540 Datasheet HTML 2Page - Monolithic Power Systems MP1540 Datasheet HTML 3Page - Monolithic Power Systems MP1540 Datasheet HTML 4Page - Monolithic Power Systems MP1540 Datasheet HTML 5Page - Monolithic Power Systems MP1540 Datasheet HTML 6Page - Monolithic Power Systems MP1540 Datasheet HTML 7Page - Monolithic Power Systems MP1540 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP1540 – 1.3MHz, 18V STEP-UP CONVERTER
MP1540 Rev. 1.0
www.MonolithicPower.com
2
8/15/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
SW
GND
FB
1
2
3
5
4
IN
EN
MP1540_PD01_TSOT23-5
TOP VIEW
Part Number*
Package
Temperature
MP1540DJ
TSOT23-5
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP1540DJ–Z)
For Lead Free, add suffix –LF (eg. MP1540DJ–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
SW Pin ........................................ –0.3V to +20V
All Other Pins ............................. –0.3V to +6.5V
Junction Temperature .............................. 150
°C
Lead Temperature.................................... 260
°C
Storage Temperature .................. 65°C to 150
°C
Recommended Operating Conditions
(2)
Supply Voltage VIN ............................ 2.5V to 6V
Output Voltage VOUT ........................... 3V to 18V
Operating Temperature ............. –40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
TSOT23-5.............................. 220.....110 ..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 5V, TA = +25°C unless specified otherwise.
Parameters Sy
mbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
2.5
6
V
Under Voltage Lockout
2.25
2.45
V
Under Voltage Lockout
Hysteresis
92
mV
Supply Current (Shutdown)
VEN = 0V
0.1
1
µA
Supply Current (Quiescent)
VFB = 1.3V
635
850
µA
Switching Frequency
fSW
1.0
1.3
1.6
MHz
Maximum Duty Cycle
VFB = 0V
80
85
%
EN Threshold
VEN Rising
1.0
1.3
1.6
V
EN Threshold
VEN Rising, VIN = 2.5V
1.1
V
EN Hysteresis
100
mV
EN Input Bias Current
VEN = 0V, 6V
1
µA
FB Voltage
VFB
1.21
1.25
1.29
V
FB Input Bias Current
VFB = 1.25V
–100
–30
nA
SW On-Resistance
(4) R
DS (ON)
0.65
Ω
SW Current Limit
(4)
1.9
A
SW Leakage
VSW = 15V
1
µA
Thermal Shutdown
(4)
160
°C
Note:
4) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com