Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1540 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1540
Description  1.3MHz, 18V Step-Up Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1540 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1540 Datasheet HTML 1Page - Monolithic Power Systems MP1540 Datasheet HTML 2Page - Monolithic Power Systems MP1540 Datasheet HTML 3Page - Monolithic Power Systems MP1540 Datasheet HTML 4Page - Monolithic Power Systems MP1540 Datasheet HTML 5Page - Monolithic Power Systems MP1540 Datasheet HTML 6Page - Monolithic Power Systems MP1540 Datasheet HTML 7Page - Monolithic Power Systems MP1540 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP1540 – 1.3MHz, 18V STEP-UP CONVERTER
MP1540 Rev. 1.0
www.MonolithicPower.com
4
8/15/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
PIN FUNCTIONS
Pin #
Name
Pin Function
1 SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect the power
inductor and output rectifier to SW. SW can swing between GND and 20V.
2
GND
Ground.
3
FB
Feedback Input. FB voltage is 1.25V. Connect a resistor divider to FB.
4 EN
Regulator On/Off Control Input. A high input at EN turns on the converter, and a low input
turns it off. When not used, connect EN to the input source for automatic startup. The EN
pin cannot be left floating.
5
IN
Input Supply Pin. Must be locally bypassed.
OPERATION
The MP15 40 use s a f ixed frequ ency, p eak
current mo de boost re gulator ar chitecture to
regulate vo ltage at
the fee dback pin . The
operation of the MP1540 can be understood by
referring to the block diagram of Figure 1.
At the start of each oscillator cycle the MOSFET
is tu rned on through t he con trol circuitry. To
prevent sub-harmonic oscillations at duty cycles
greater than 50 pe rcent, a stab ilizing ra mp is
added to t he out put of the
current sense
amplifier and the result is fed into the negative
input of the PWM comparator. When this voltage
equals the out put voltage of th e error amplifier
the power MOSFET is turned off.
The voltage at the output of the error amplifier is
an amplified version o f t he difference bet ween
the 1.25V bandgap re ference vo ltage an d the
feedback vol tage. I n this w ay th e pea k current
level ke eps the out put in reg ulation. I f the
feedback voltage starts to drop, the output of the
error amplifier increases. This re sults i n more
current to flow through the power MOSFET, thus
increasing the power delivered to the output.
The MP1540 has intern al soft start to limit th e
amount of input current at startup and to also
limit the amount of overshoot on t
he output .
The current limit is increased by a fourth every
40µs giving a total soft start time of 120µs.
PWM
COMPARATOR
ERROR
AMPLIFIER
CC
RC
CONTROL
LOGIC
CURRENT
SENSE
AMPLIFIER
SW
M1
GND
+
-
1
FB
3
2
1.3MHz
OSC
+
-
-
+
+
1.25V
MP1540_F01_BD01
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com