Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1540 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1540
Description  1.3MHz, 18V Step-Up Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1540 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1540 Datasheet HTML 1Page - Monolithic Power Systems MP1540 Datasheet HTML 2Page - Monolithic Power Systems MP1540 Datasheet HTML 3Page - Monolithic Power Systems MP1540 Datasheet HTML 4Page - Monolithic Power Systems MP1540 Datasheet HTML 5Page - Monolithic Power Systems MP1540 Datasheet HTML 6Page - Monolithic Power Systems MP1540 Datasheet HTML 7Page - Monolithic Power Systems MP1540 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP1540
1.3MHz, 18V
Step-Up Converter
MP1540 Rev. 1.0
www.MonolithicPower.com
1
8/15/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP1540 is a 5-pin thin TSOT23 current
mode step-up converter intended for small, lo w
power applications. The MP1540 switches a t
1.3MHz and allows the use of tiny, low cost
capacitors and inductors 2mm or less in height.
Internal soft-start results in small inr ush current
and extends battery life. The MP1540 operates
from an input voltage a s lo w as 2. 5V and can
generate 1 2V at up t o 200mA f rom a 5 V
supply.
The MP1540 include s under voltage lockout,
current limiting, an
d thermal overload
protection to prevent damage in the event of an
output overload. T he MP1540 is available in a
small 5-pin TSOT23 package.
FEATURES
• On Board Power MOSFET
• Uses Tiny Capacitors and Inductors
• 1.3MHz Fixed Switching Frequency
• Internal Soft-Start
• Operates with Input Voltage as Low as
2.5V and Output Voltage as High as 18V
• 12V at 200mA from 5V Input
• UVLO, Thermal Shutdown
• Internal Current Limit
• Available in a TSOT23-5 Package
APPLICATIONS
• Camera Phone Flash
• Handheld Computers and PDAs
• Digital Still and Video Cameras
• Ex ternal Modems
• Small LCD Displays
• White LED Driver
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
VIN
5V
VOUT
12V
200mA
D1
MP1540
SW
IN
FB
GND
EN
51
3
2
4
OFF ON
MP1540_TAC01
100
95
90
85
80
75
70
65
60
55
50
0
75
150 225 300 375 450
LOAD CURRENT (mA)
MP1540_TAC_EC01
Efficiency vs Load Current
VIN = 3.3V
VIN = 5V
VIN = 4.2V
http://www.Datasheet4U.com


Similar Part No. - MP1540

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP1540-2 FAIRVIEW-MP1540-2 Datasheet
525Kb / 4P
2 Way Power Divider 2.92mm Connectors From 15 GHz to 40 GHz Rated at 10 Watts
REV 2.0
More results

Similar Description - MP1540

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Advanced Analogic Techn...
AAT1230 ANALOGICTECH-AAT1230 Datasheet
492Kb / 21P
18V 100mA Step-Up Converter
AAT1230_0610 ANALOGICTECH-AAT1230_0610 Datasheet
604Kb / 21P
18V 100mA Step-Up Converter
logo
Monolithic Power System...
EV0034 MPS-EV0034 Datasheet
178Kb / 4P
2A, 1.3MHz Step-Up Converter
MP1527 MPS-MP1527 Datasheet
272Kb / 14P
2A, 1.3MHz Step-Up Converter
logo
National Semiconductor ...
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Advanced Analogic Techn...
AAT1230 ANALOGICTECH-AAT1230_07 Datasheet
458Kb / 21P
18V 100mA Step-Up Converter
logo
Monolithic Power System...
MP3216 MPS-MP3216 Datasheet
421Kb / 10P
36V, 1.3MHz, 0.75A Step-up Converter With Output Disconnect
logo
Texas Instruments
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
18V, High Efficiency, DC-DC Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com