Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet (PDF) - STMicroelectronics

STAMP0 Datasheet PDF - STMicroelectronics
Part # STAMP0
Download  STAMP0 Download
File Size   2103.18 Kbytes
Page   62 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Microphone array processor with TDM output and recombination for wide dynamic range microphones

STAMP0 Datasheet (PDF)

Go To PDF Page Download Datasheet
STAMP0 Datasheet PDF - STMicroelectronics

Part # STAMP0
Download  STAMP0 Click to download

File Size   2103.18 Kbytes
Page   62 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Microphone array processor with TDM output and recombination for wide dynamic range microphones

STAMP0 Datasheet (HTML) - STMicroelectronics


STAMP0 Product details

Features
• Up to 4 dual-channel PDM inputs supporting:
− up to 8 single-membrane microphones
− up to 4 dual-membrane microphones
• Embedded recombination for dual-membrane digital microphones
• I²C interface
• 3.3 V single supply operation
• Single serial slave TDM interface
• Supported PCM sample frequency 44.1 kHz and 48 kHz
• VFQFPN package
− SMD-compliant
− ECOPACK®, RoHS and “Green” compliant
Applications
• Microphone array applications
• Beam forming
• Audio zooming
• Speech recognition
• Sound source localization




Similar Part No. - STAMP0

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
STAMFORD IRI-STAMFORD Datasheet
1Mb / 2P
RRA
More results


Similar Description - STAMP0

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5201 AD-ADL5201 Datasheet
1,001Kb / 28P
Wide Dynamic Range, High Speed
REV. 0
ADMP621 AD-ADMP621 Datasheet
327Kb / 16P
Wide Dynamic Range Microphone with PDM Digital Output
REV. 0
SSM2120 AD-SSM2120_15 Datasheet
120Kb / 12P
DYNAMIC RANGE PROCESSOR DUAL VCA
5/90, Rev. B1
SSM2122 AD-SSM2122_15 Datasheet
120Kb / 12P
DYNAMIC RANGE PROCESSOR/DUAL VCA
5/90, Rev. B1
logo
Cirrus Logic
CS53L30 CIRRUS-CS53L30 Datasheet
3Mb / 67P
Low-Power Quad-Channel Microphone ADC with TDM Output
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
WDR Wide Dynamic Range
logo
TDK Electronics
ICS-40618 TDK-ICS-40618 Datasheet
258Kb / 16P
High Dynamic Range Microphone with Differential Output and Low Power
ICS-40619 TDK-ICS-40619 Datasheet
260Kb / 17P
High Dynamic Range Microphone with Differential Output and Low Power
ICS-52000 TDK-ICS-52000 Datasheet
422Kb / 20P
Low-Noise Microphone with TDM Digital Output
INMP621 TDK-INMP621 Datasheet
487Kb / 20P
Wide Dynamic Range Microphone with PDM Digital Output
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com