Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 5 Page - STMicroelectronics

  STAMP0 Datasheet HTML 1Page - STMicroelectronics STAMP0 Datasheet HTML 2Page - STMicroelectronics STAMP0 Datasheet HTML 3Page - STMicroelectronics STAMP0 Datasheet HTML 4Page - STMicroelectronics STAMP0 Datasheet HTML 5Page - STMicroelectronics STAMP0 Datasheet HTML 6Page - STMicroelectronics STAMP0 Datasheet HTML 7Page - STMicroelectronics STAMP0 Datasheet HTML 8Page - STMicroelectronics STAMP0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
STAMP0
Contents
DocID028639 Rev 1
5/62
5.2.61
STMRecomb. control register mike 1 high channel threshold
(reg.0x3C) ........................................................................................................ 55
5.2.62
STMRecomb. control register mike 2 high channel threshold
(reg.0x3D) ........................................................................................................ 55
5.2.63
STMRecomb. control register mike 3 high channel threshold
(reg.0x3E)......................................................................................................... 56
5.2.64
STMRecomb. control register mike 4 high channel threshold
(reg.0x3F)......................................................................................................... 56
5.2.65
Boost 6 dB control register (reg. 0x40)............................................. 57
6
Package information ..................................................................... 58
6.1
VFQFPN 28L package information ................................................. 59
7
Revision history ............................................................................ 61
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com