Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 19Page - STMicroelectronics STAMP0 Datasheet HTML 20Page - STMicroelectronics STAMP0 Datasheet HTML 21Page - STMicroelectronics STAMP0 Datasheet HTML 22Page - STMicroelectronics STAMP0 Datasheet HTML 23Page - STMicroelectronics STAMP0 Datasheet HTML 24Page - STMicroelectronics STAMP0 Datasheet HTML 25Page - STMicroelectronics STAMP0 Datasheet HTML 26Page - STMicroelectronics STAMP0 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
STAMP0
Architecture
DocID028639 Rev 1
23/62
Figure 13: Channel mapping scheme
The mapping between the input streams and the frame output slots is flexible and can be
configured using the Channel Selector (CSx in Figure 13: "Channel mapping scheme")
through the I²C registers (Reg. 0xA, Reg. 0xB, Reg. 0xC and Reg. 0xD). Moreover each
CSx has an extra input “ALL0” employed to set to zero the content of the slots that are not
used (empty bits) in the frame out.
In each slot, audio data is arranged by the most significant bit (MSB) first, high byte first.
The frame output is selected using the SCK_SLOT signal whose value is determined by
combining the SCK rate and the slot size.
However the default SCK_RATE is equal to 128xFs, the slot size is equal to 16 bits and the
CH1 is mapped to the Slot1, the CH2 is mapped to the Slot2 and so on.
4.5.2
Time division multiplexing
Time-division multiplexing (TDM) is a method of putting multiple data streams in one data
signal by separating the signal into many segments.
The TDM hardware interface has three signals, serial clock (SCK pin in Figure 12: "Serial
output interface architecture"), frame sync (FS=FSY pin in Figure 12: "Serial output
interface architecture") and data (TDM pin in Figure 12: "Serial output interface
architecture").
The TDM and the FSY signals can change on the falling edges of the SCK and are valid on
the rising edge of SCK (Figure 14: "Data and FSY change on the falling edges of SCK and
are valid on the rising edges of SCK. The frame starts on the rising edge of FSY (NO
DELAY)" and Figure 16: "Data and FSY change on the falling edges of SCK and are valid
on the rising edges of SCK.The frame starts on the falling edge of FSY (NO DELAY)") or
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com