Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 2Page - STMicroelectronics STAMP0 Datasheet HTML 3Page - STMicroelectronics STAMP0 Datasheet HTML 4Page - STMicroelectronics STAMP0 Datasheet HTML 5Page - STMicroelectronics STAMP0 Datasheet HTML 6Page - STMicroelectronics STAMP0 Datasheet HTML 7Page - STMicroelectronics STAMP0 Datasheet HTML 8Page - STMicroelectronics STAMP0 Datasheet HTML 9Page - STMicroelectronics STAMP0 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
List of tables
STAMP0
6/62
DocID028639 Rev 1
List of tables
Table 1: Device summary ...........................................................................................................................1
Table 2: Pin description ..............................................................................................................................8
Table 3: Absolute maximum ratings .........................................................................................................11
Table 4: Recommended operating conditions ..........................................................................................11
Table 5: Electrical specifications...............................................................................................................12
Table 6: PDM_SMP_CLK phase shift values ...........................................................................................14
Table 7: Downsampling section overall characteristics ............................................................................16
Table 8: PLL frequency values .................................................................................................................30
Table 9: Sync clock frequencies ...............................................................................................................31
Table 10: Register summary.....................................................................................................................32
Table 11: Sync_CLK possible frequency values ......................................................................................38
Table 12: TDM slots and channel mapping ..............................................................................................39
Table 13: Global gain................................................................................................................................52
Table 14: Channel attenuation..................................................................................................................54
Table 15: Channel thresholds...................................................................................................................56
Table 16: Enable boost 6 dB (x2) on selected channel ............................................................................57
Table 17: VFQFPN (5 x 5 x 1.0 mm) 28L package mechanical data .......................................................60
Table 18: Document revision history ........................................................................................................61
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com