Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 9Page - STMicroelectronics STAMP0 Datasheet HTML 10Page - STMicroelectronics STAMP0 Datasheet HTML 11Page - STMicroelectronics STAMP0 Datasheet HTML 12Page - STMicroelectronics STAMP0 Datasheet HTML 13Page - STMicroelectronics STAMP0 Datasheet HTML 14Page - STMicroelectronics STAMP0 Datasheet HTML 15Page - STMicroelectronics STAMP0 Datasheet HTML 16Page - STMicroelectronics STAMP0 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
STAMP0
Architecture
DocID028639 Rev 1
13/62
4
Architecture
In the following sections the STAMP0 internal functional blocks depicted in Figure 2: "Block
diagram" are described in detail.
4.1
PDM sampling interface
The STAMP0 has four PDM data interface lines to permit up to:
•
8 single-membrane digital microphones (with shared data lines)
•
4 dual-membrane digital microphones (such as MP34DTW01) with the internal
microphone recombination features enabled
•
A combination of single and dual-membrane microphones
The device will accept 64 Fs serial data in, where Fs is the audio bandwidth used in the
processing section (for example 2.8224 MHz in case of 44.1 kHz or 3.072 MHz in case of
48 kHz).
The four PDM inputs can be sampled either at the rising or at the falling edge of the PDM
sampling interface clock (PDM_SMP_CLK). As depicted in Figure 3: "PDM interface
sampling control and usage example", for each single PDM line, the desired edge can be
selected using the SMPMxy I²C register (Reg. 0x2E, bits 7:0).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com