Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 34Page - STMicroelectronics STAMP0 Datasheet HTML 35Page - STMicroelectronics STAMP0 Datasheet HTML 36Page - STMicroelectronics STAMP0 Datasheet HTML 37Page - STMicroelectronics STAMP0 Datasheet HTML 38Page - STMicroelectronics STAMP0 Datasheet HTML 39Page - STMicroelectronics STAMP0 Datasheet HTML 40Page - STMicroelectronics STAMP0 Datasheet HTML 41Page - STMicroelectronics STAMP0 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
I²C registers
STAMP0
38/62
DocID028639 Rev 1
Table 11: Sync_CLK possible frequency values
Hex value
(SYNC enabled)
SYNC_CLK_N
(decimal value)
SYNC_CLK
(Fs = 44.1 Hz)
(Hz)
SYNC_CLK
(Fs = 48.0 Hz)
(Hz)
0x68
40
2.25792E+06
2.4576E+06
0x6A
42
2.1504E+06
2.340571E+06
0x6C
44
2.052655E+06
2.234182E+06
0x6E
46
1.963409E+06
2.137043E+06
0x70
48
1.881600E+06
2.048000E+06
0x72
50
1.806336E+06
1.966080E+06
0x74
52
1.736862E+06
1.890462E+06
0x76
54
1.672533E+06
1.820444E+06
0x78
56
1.6128E+06
1.755429E+06
0x7A
58
1.55718E+06
1.694897E+06
5.2.9
Clock manager configuration register (reg. 0x08)
B7
B6
B5
B4
B3
B2
B1
B0
PDM_INT_PHASES
MICCLK_EN
-
-
-
-
011
1
-
-
-
-
Bit
R/W
RST
Name
Description
7
R/W
1
PDM_INT_PHASES
000: 0 degrees phase shift
001: 45 degrees phase shift
010: 90 degrees phase shift
011: 135 degrees phase shift
100: 180 degrees phase shift
101: 225 degrees phase shift
110: 270 degrees phase shift
111: 315 degrees phase shift
6
R/W
0
5
R/W
0
4
R/W
1
MICCLK_EN
Microphone clock enable:
0: microphones clock OFF
1: microphones clock ON
5.2.10
TDM configuration register (reg. 0x09)
B7
B6
B5
B4
B3
B2
B1
B0
-
DATA_
ALIGN
SLOT_
SIZE
SCK_RATE
DATA_FSY_
VALID
FRAME_
START
TDM_
EN
-
0
0
01
0
0
1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com