Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 53Page - STMicroelectronics STAMP0 Datasheet HTML 54Page - STMicroelectronics STAMP0 Datasheet HTML 55Page - STMicroelectronics STAMP0 Datasheet HTML 56Page - STMicroelectronics STAMP0 Datasheet HTML 57Page - STMicroelectronics STAMP0 Datasheet HTML 58Page - STMicroelectronics STAMP0 Datasheet HTML 59Page - STMicroelectronics STAMP0 Datasheet HTML 60Page - STMicroelectronics STAMP0 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
STAMP0
I²C registers
DocID028639 Rev 1
57/62
5.2.65
Boost 6 dB control register (reg. 0x40)
B7
B6
B5
B4
B3
B2
B1
B0
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
0
0
0
0
0
0
0
0
Table 16: Enable boost 6 dB (x2) on selected channel
Bit
R/W
RST
Name
Description
7
R/W
0
CH8
0: -
1: CH8 x 2
6
R/W
0
CH7
0: -
1: CH7 x 2
5
R/W
0
CH6
0: -
1: CH6 x 2
4
R/W
0
CH5
0: -
1: CH5 x 2
3
R/W
0
CH4
0: -
1: CH4 x 2
2
R/W
0
CH3
0: -
1: CH3 x 2
1
R/W
0
CH2
0: -
1: CH2 x 2
0
R/W
0
CH1
0: -
1: CH1 x 2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com