Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 7Page - STMicroelectronics STAMP0 Datasheet HTML 8Page - STMicroelectronics STAMP0 Datasheet HTML 9Page - STMicroelectronics STAMP0 Datasheet HTML 10Page - STMicroelectronics STAMP0 Datasheet HTML 11Page - STMicroelectronics STAMP0 Datasheet HTML 12Page - STMicroelectronics STAMP0 Datasheet HTML 13Page - STMicroelectronics STAMP0 Datasheet HTML 14Page - STMicroelectronics STAMP0 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
STAMP0
Electrical specifications
DocID028639 Rev 1
11/62
3
Electrical specifications
3.1
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 3: Absolute maximum ratings
Symbol
Parameter
Maximum value
Unit
VDD
Supply voltage
-0.3 to 4
V
VDD_PLL
PLL power supply
-0.3 to 4
V
TSTG
Storage temperature range
-40 to 150
°C
Tj
Junction temperature
-40 to 150
°C
ESD
Electrostatic discharge protection
HBM
4
kV
CDM
1.5
kV
MM
100
V
3.2
Recommended operating conditions
Table 4: Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Digital core and IOs power supply
3.0
3.3
3.6
V
VDD_PLL
PLL power supply
3.0
3.3
3.6
V
TA
Operating ambient temperature
-40
25
125
°C
Rth ja
Thermal resistance junction-to-ambient mounted on PCB
50
°C/W
Note: All ground connections must always be within 0.3 V of each other.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com