Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 44Page - STMicroelectronics STAMP0 Datasheet HTML 45Page - STMicroelectronics STAMP0 Datasheet HTML 46Page - STMicroelectronics STAMP0 Datasheet HTML 47Page - STMicroelectronics STAMP0 Datasheet HTML 48Page - STMicroelectronics STAMP0 Datasheet HTML 49Page - STMicroelectronics STAMP0 Datasheet HTML 50Page - STMicroelectronics STAMP0 Datasheet HTML 51Page - STMicroelectronics STAMP0 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
I²C registers
STAMP0
48/62
DocID028639 Rev 1
Bit
R/W
RST
Name
Description
7
R/W
0
MSTUCK1_PDM8
0: PDM8 stuck at 1 event is not masked
1: PDM8 stuck at 1 event is masked
6
R/W
0
MSTUCK0_PDM8
0: PDM8 stuck at 0 event is not masked
1: PDM8 stuck at 0 event is masked
5
R/W
0
MSTUCK1_PDM7
0: PDM7 stuck at 1 event is not masked
1: PDM7 stuck at 1 event is masked
4
R/W
0
MSTUCK0_PDM7
0: PDM7 stuck at 0 event is not masked
1: PDM7 stuck at 0 event is masked
3
R/W
0
MSTUCK1_PDM6
0: PDM6 stuck at 1 event is not masked
1: PDM6 stuck at 1 event is masked
2
R/W
0
MSTUCK0_PDM6
0: PDM6 stuck at 0 event is not masked
1: PDM6 stuck at 0 event is masked
1
R/W
0
MSTUCK1_PDM5
0: PDM5 stuck at 1 event is not masked
1: PDM5 stuck at 1 event is masked
0
R/W
0
MSTUCK0_PDM5
0: PDM5 stuck at 0 event is not masked
1: PDM5 stuck at 0 event is masked
5.2.44
GPIO1 configuration register (reg. 0x2B)
B7
B6
B5
B4
B3
B2
B1
B0
-
-
-
-
-
-
LR_DIR
LR_OUT
-
-
-
-
-
-
1
0
Bit
R/W
RST
Name
Description
1
R/W
1
LR_DIR
0: LR pin used as output
1: LR pin used as input
0
R/W
0
LR_OUT
Set/unset the LR value when the pin is used as an output
5.2.45
GPIO2 configuration register (reg. 0x2C)
B7
B6
B5
B4
B3
B2
B1
B0
-
-
-
-
-
-
-
LR_IN
-
-
-
-
-
-
-
0
Bit
R/W
RST
Name
Description
0
R
0
LR_IN
Read back the LR input value when the GPIO is used as an input
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com