Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 31Page - STMicroelectronics STAMP0 Datasheet HTML 32Page - STMicroelectronics STAMP0 Datasheet HTML 33Page - STMicroelectronics STAMP0 Datasheet HTML 34Page - STMicroelectronics STAMP0 Datasheet HTML 35Page - STMicroelectronics STAMP0 Datasheet HTML 36Page - STMicroelectronics STAMP0 Datasheet HTML 37Page - STMicroelectronics STAMP0 Datasheet HTML 38Page - STMicroelectronics STAMP0 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
STAMP0
I²C registers
DocID028639 Rev 1
35/62
Bit
R/W
RST
Name
Description
7
R/W
0
PDPDC
0: if IDF and NDIV values are changed, the PLL power-OFF and
power-ON sequences are performed
1: if the IDF and NDIF values are changed, the PLL is definitively
powered OFF
6
R/W
0
PLLFC
PLL fractional control
5
R/W
0
PLLSTRB
PLL strobe
4
R/W
0
PLLSTRBB
PLL strobe bypass
3
R/W
0
IDF
Input Division Factor
2
R/W
0
1
R/W
0
0
R/W
1
For certain applications and to provide flexibility to the user, a manual PLL configuration
can be used (setting PLLFC to 1). The output PLL frequency formula is:
Equation 4
������������������������������������������������=�������������������������������������������������������������������������������������������������+�������������������������������������������������������������������������������������������������������������������������������������������������������������������������=������������
Equation 5
������������������������������������������������=������������������������������������������������������������������������×(������������������������)������������������������������������������������������������������������������������������������������������=0
5.2.3
PLL multiplication factor (integral part) named as N division factor
(NDIV) and dithering (reg. 0x02)
B7
B6
B5
B4
B3
B2
B1
B0
DITHD
NDIV
0
0
1
0
0
0
0
0
Bit
RW
RST
Name
Description
7
R/W
0
DITHD1
PLL dithering:
00: PLL clock dithering disabled
01: PLL clock dithering enabled (triangular)
10: PLL clock dithering enabled (rectangular)
11: reserved
6
R/W
0
DITHD0
5
R/W
1
NDIV5
N (loop) division factor values: 32, 16, 8
4
R/W
0
NDIV4
3
R/W
0
NDIV3
2
R/W
0
NDIV2
1
R/W
0
NDIV1
0
R/W
0
NDIV0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com