Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 15Page - STMicroelectronics STAMP0 Datasheet HTML 16Page - STMicroelectronics STAMP0 Datasheet HTML 17Page - STMicroelectronics STAMP0 Datasheet HTML 18Page - STMicroelectronics STAMP0 Datasheet HTML 19Page - STMicroelectronics STAMP0 Datasheet HTML 20Page - STMicroelectronics STAMP0 Datasheet HTML 21Page - STMicroelectronics STAMP0 Datasheet HTML 22Page - STMicroelectronics STAMP0 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
STAMP0
Architecture
DocID028639 Rev 1
19/62
4.3.2
PDM interface channel mapping
The internal channels PDMxa, PDMxb must be mapped properly, otherwise the
recombination algorithm will not work and the output will lead to unexpected results.
When the recombination function is not active, the two channels will be mapped to the
serial output interface as they are.
When the recombination function is active:
•
ODD channels (CH1, CH3, and CH5) will contain the recombination signal.
•
EVEN channels (CH2, CH4 and CH6) will contain the signal coming from one
membrane (user selectable)
4.3.3
Interrupts and masking
In the STAMP0 device four types of interrupt events are generated:
•
PLL unlocked
•
FSY and SCK integrity failure (FSY/SCK differ from 64, 128, 256)
•
Upper limit (UL) reached at the output of each channel
•
Stuck at PDM
Each interrupt event pulls the INTLINE pin low unless the interrupt event is masked.
The upper limit and stuck PDM events can be masked using dedicated bits in the I²C
registers (Reg. 0x28, Reg. 0x29 and Reg. 0x2A). However the unlocked PLL and FSY/SCK
events cannot be masked.
Whenever an interrupt event occurs, the respective interrupt flag (I²C bit in the register
Reg. 0x24, Reg. 0x25, Reg. 0x26 and Reg. 0x27) is set to 1 and remains at 1 (even after
the interrupt condition ends), until it is cleared (overwritten with 0) via I²C. If an interrupt flag
is cleared while the interrupt condition persists, it remains at (or reverts to) 1, and the
INTLINE remains low unless the respective interrupt event is masked.
Masking an interrupt event does not affect the interrupt flags register, but masking only
affects the INTLINE pin.
4.3.4
Microphone failure detection
PDM stuck
In order to detect if a PDM is stuck at high/low, a fixed number of PDM samples defined as
Stuck At Window (SAW) are monitored. The size of a SAW is fixed to Fs. If all the PDM
values in N consecutive SAWs (where N= [1:15] can be configured through the I²C Reg.
0x23 bit B3, B2, B1 and B0) are equal to 1/0, a microphone failure is detected and an
interrupt is generated.
Channel level detection (RMS)
In order to detect a high level limit at the output of each channel, the architecture depicted
in Figure 9: "High-level detection architecture" has been implemented in the STAMP0
device.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com