Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 17Page - STMicroelectronics STAMP0 Datasheet HTML 18Page - STMicroelectronics STAMP0 Datasheet HTML 19Page - STMicroelectronics STAMP0 Datasheet HTML 20Page - STMicroelectronics STAMP0 Datasheet HTML 21Page - STMicroelectronics STAMP0 Datasheet HTML 22Page - STMicroelectronics STAMP0 Datasheet HTML 23Page - STMicroelectronics STAMP0 Datasheet HTML 24Page - STMicroelectronics STAMP0 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
STAMP0
Architecture
DocID028639 Rev 1
21/62
4.3.5
Averaging based RMS calculation
Figure 10: "RMS calculation data path" shows the architecture implementing the RMS
block. In particular the absolute value of the two’s complement input is taken first to reduce
the number of bits involved, and finally the signal is low-pass filtered.
Figure 10: RMS calculation data path
The low-pass filtering solution is implemented with a first-order infinite impulse response
filter (IIR filter). The architecture of this filter is depicted in Figure 11: "IIR filter", the Z-
transfer filter function is described in Equation 2 below.
Figure 11: IIR filter
Equation 2
������������������������������������������������
= 11−(1−2−������������)������������−1
where 2
–p is the actual operand of the filter
In the STAMP0 device the P value can be programmed through the I²C register (Reg. 0x23
bits B7, B6, B5 and B4) and the default value is set to zero.
4.4
Reset
There are two types of resets in the STAMP0:
•
Hard reset: the RESET_N pin is low
•
Soft reset: the I²C register Reg. 0x00 is written to any value
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com