Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 20Page - STMicroelectronics STAMP0 Datasheet HTML 21Page - STMicroelectronics STAMP0 Datasheet HTML 22Page - STMicroelectronics STAMP0 Datasheet HTML 23Page - STMicroelectronics STAMP0 Datasheet HTML 24Page - STMicroelectronics STAMP0 Datasheet HTML 25Page - STMicroelectronics STAMP0 Datasheet HTML 26Page - STMicroelectronics STAMP0 Datasheet HTML 27Page - STMicroelectronics STAMP0 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
Architecture
STAMP0
24/62
DocID028639 Rev 1
vice versa (Figure 15: "Data and FSY change on the rising edges of SCK and are valid on
the falling edges of SCK. The frame starts on the rising edge of FSY (NO DELAY)" and
Figure 17: "Data and FSY change on the rising edges of SCK and are valid on the falling
edges of SCK.The frame starts on the falling edge of FSY (NO DELAY)"). This can be
configured through the I²C register (Reg. 0x09 bit B2).
However, by default the TDM data and FSY signals change on the falling edges of the SCK
and are valid on the rising edges.
The FSY signal is used to identify the beginning and the end of a frame. Two possible
solutions are supported: the frame data start/stop on the rising edge of FSY ( Figure 14:
"Data and FSY change on the falling edges of SCK and are valid on the rising edges of
SCK. The frame starts on the rising edge of FSY (NO DELAY)" and Figure 15: "Data and
FSY change on the rising edges of SCK and are valid on the falling edges of SCK. The
frame starts on the rising edge of FSY (NO DELAY)"); frame data start/stop on the falling
edge of SCK (Figure 16: "Data and FSY change on the falling edges of SCK and are valid
on the rising edges of SCK.The frame starts on the falling edge of FSY (NO DELAY)" and
Figure 17: "Data and FSY change on the rising edges of SCK and are valid on the falling
edges of SCK.The frame starts on the falling edge of FSY (NO DELAY)"). This can be
configured through the I²C register (Reg. 0x09 bit B1), and by default the frame starts on
the rising edge of FSY.
While the frame rate is usually the same as the audio sample rate such as 44.1 kHz and 48
kHz, the serial clock rate is a multiple of the frame rate. For example, SCK rate can be
configured to be 64xFs, 128xFs and 256xFs through the I²C.
The width of the FSY signal pulse can vary from one serial clock to the highest supported
SCK clock rate minus one. For example, on a system that supports 256xFs, the pulse width
of the FSY signal can be from one SCK to 255 SCK clocks. So, the duty cycle of the FSY
signal can vary and does not have to be 50%.
Figure 14: Data and FSY change on the falling edges of SCK and are valid on the rising edges
of SCK. The frame starts on the rising edge of FSY (NO DELAY)
Figure 15: Data and FSY change on the rising edges of SCK and are valid on the falling edges
of SCK. The frame starts on the rising edge of FSY (NO DELAY)
Figure 16: Data and FSY change on the falling edges of SCK and are valid on the rising edges
of SCK.The frame starts on the falling edge of FSY (NO DELAY)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com