Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 3Page - STMicroelectronics STAMP0 Datasheet HTML 4Page - STMicroelectronics STAMP0 Datasheet HTML 5Page - STMicroelectronics STAMP0 Datasheet HTML 6Page - STMicroelectronics STAMP0 Datasheet HTML 7Page - STMicroelectronics STAMP0 Datasheet HTML 8Page - STMicroelectronics STAMP0 Datasheet HTML 9Page - STMicroelectronics STAMP0 Datasheet HTML 10Page - STMicroelectronics STAMP0 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
STAMP0
List of figures
DocID028639 Rev 1
7/62
List of figures
Figure 1: Pin connections (top view)...........................................................................................................8
Figure 2: Block diagram ............................................................................................................................10
Figure 3: PDM interface sampling control and usage example ................................................................14
Figure 4: Microphone sampling interface..................................................................................................15
Figure 5: Microphone processor internal blocks .......................................................................................15
Figure 6: Downsampling FIR frequency response (overall) .....................................................................16
Figure 7: STMRecomb block ....................................................................................................................17
Figure 8: Recombination bypass ..............................................................................................................18
Figure 9: High-level detection architecture ...............................................................................................20
Figure 10: RMS calculation data path.......................................................................................................21
Figure 11: IIR filter ....................................................................................................................................21
Figure 12: Serial output interface architecture..........................................................................................22
Figure 13: Channel mapping scheme.......................................................................................................23
Figure 14: Data and FSY change on the falling edges of SCK and are valid on the rising edges of SCK.
The frame starts on the rising edge of FSY (NO DELAY) ........................................................................24
Figure 15: Data and FSY change on the rising edges of SCK and are valid on the falling edges of SCK.
The frame starts on the rising edge of FSY (NO DELAY) ........................................................................24
Figure 16: Data and FSY change on the falling edges of SCK and are valid on the rising edges of
SCK.The frame starts on the falling edge of FSY (NO DELAY) ...............................................................24
Figure 17: Data and FSY change on the rising edges of SCK and are valid on the falling edges of
SCK.The frame starts on the falling edge of FSY (NO DELAY) ...............................................................25
Figure 18: Data and FSY change on the falling edges of SCK and are valid on the rising edges of
SCK.The frame starts on the rising edge of FSY (DELAYED) .................................................................25
Figure 19: Write mode sequence..............................................................................................................27
Figure 20: Read mode sequence .............................................................................................................27
Figure 21: Clock manager architecture.....................................................................................................28
Figure 22: PLL block internal architecture ................................................................................................29
Figure 23: VFQFPN (5 x 5 x 1.0 mm) 28L pitch 0.50 package outline .....................................................59
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com