Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 23Page - STMicroelectronics STAMP0 Datasheet HTML 24Page - STMicroelectronics STAMP0 Datasheet HTML 25Page - STMicroelectronics STAMP0 Datasheet HTML 26Page - STMicroelectronics STAMP0 Datasheet HTML 27Page - STMicroelectronics STAMP0 Datasheet HTML 28Page - STMicroelectronics STAMP0 Datasheet HTML 29Page - STMicroelectronics STAMP0 Datasheet HTML 30Page - STMicroelectronics STAMP0 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
STAMP0
Architecture
DocID028639 Rev 1
27/62
4.7
Read operation
4.7.1
Current address byte read
Following the START condition, the master sends a device select code with the RW bit set
to 1. The slave acknowledges this and then responds by sending one byte of data. The
master then terminates the transfer by generating a STOP condition.
4.7.2
Current address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
read from sequential addresses within the slave. The master acknowledges each data byte
read and then generates a STOP condition, terminating the transfer.
4.7.3
Random address byte read
Following the START condition, the master sends a device select code with the RW bit set
to 0. The slave acknowledges this and then the master writes the internal address byte.
After receiving the internal byte address, the slave again responds with an
acknowledgement. The master then initiates another START condition and sends the
device select code with the RW bit set to 1. The slave acknowledges this and then
responds by sending one byte of data. The master then terminates the transfer by
generating a STOP condition.
4.7.4
Random address multi-byte read
The multi-byte read mode can start from any internal address. Sequential data bytes are
read from sequential addresses within the slave. The master acknowledges each data byte
read and then generates a STOP condition, terminating the transfer.
Figure 19: Write mode sequence
Figure 20: Read mode sequence
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com