Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 52Page - STMicroelectronics STAMP0 Datasheet HTML 53Page - STMicroelectronics STAMP0 Datasheet HTML 54Page - STMicroelectronics STAMP0 Datasheet HTML 55Page - STMicroelectronics STAMP0 Datasheet HTML 56Page - STMicroelectronics STAMP0 Datasheet HTML 57Page - STMicroelectronics STAMP0 Datasheet HTML 58Page - STMicroelectronics STAMP0 Datasheet HTML 59Page - STMicroelectronics STAMP0 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
I²C registers
STAMP0
56/62
DocID028639 Rev 1
5.2.63
STMRecomb. control register mike 3 high channel threshold
(reg.0x3E)
B7
B6
B5
B4
B3
B2
B1
B0
-
-
Microphone 3 High Channel Threshold
-
-
011011
Bit
R/W
RST
Name
Description
5-0
R/W
011011
Microphone 3 High Channel Threshold
See Table 15: "Channel thresholds"
5.2.64
STMRecomb. control register mike 4 high channel threshold (reg.0x3F)
B7
B6
B5
B4
B3
B2
B1
B0
-
-
Microphone 4 High Channel Threshold
-
-
011011
Bit
R/W
RST
Name
Description
5-0
R/W
011011
Microphone 4 High Channel Threshold
See Table 15: "Channel thresholds"
Table 15: Channel thresholds
Hex value
dB
Hex value
dB
Hex value
dB
Hex value
dB
0x00
0
0x10
-16
0x20
-32
0x30
-48
0x01
-1
0x11
-17
0x21
-33
0x31
-49
0x02
-2
0x12
-18
0x22
-34
0x32
-50
0x03
-3
0x13
-19
0x23
-35
0x33
-51
0x04
-4
0x14
-20
0x24
-36
0x34
-52
0x05
-5
0x15
-21
0x25
-37
0x35
-53
0x06
-6
0x16
-22
0x26
-38
0x36
-54
0x07
-7
0x17
-23
0x27
-39
0x37
-55
0x08
-8
0x18
-24
0x28
-40
0x38
-56
0x09
-9
0x19
-25
0x29
-41
0x39
-57
0x0A
-10
0x1A
-26
0x2A
-42
0x3A
-58
0x0B
-11
0x1B
-27
0x2B
-43
0x3B
-59
0x0C
-12
0x1C
-28
0x2C
-44
0x3C
-60
0x0D
-13
0x1D
-29
0x2D
-45
0x3D
-61
0x0E
-14
0x1E
-30
0x2E
-46
0x3E
-62
0x0F
-15
0x1F
-31
0x2F
-47
0x3F
-63
Note: The threshold values refer to the internal microphone recombination block, after the -
6 dB attenuation. In order to get the threshold with respect to the input signal, add 6 dB.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com