Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 18Page - STMicroelectronics STAMP0 Datasheet HTML 19Page - STMicroelectronics STAMP0 Datasheet HTML 20Page - STMicroelectronics STAMP0 Datasheet HTML 21Page - STMicroelectronics STAMP0 Datasheet HTML 22Page - STMicroelectronics STAMP0 Datasheet HTML 23Page - STMicroelectronics STAMP0 Datasheet HTML 24Page - STMicroelectronics STAMP0 Datasheet HTML 25Page - STMicroelectronics STAMP0 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
Architecture
STAMP0
22/62
DocID028639 Rev 1
4.5
Serial output interface
The internal architecture of the serial output Interface is depicted in Figure 12: "Serial
output interface architecture", and it consists of a channel mapping and a time division
multiplexing serial interface. In the following subsections the blocks mentioned before will
be detailed.
Figure 12: Serial output interface architecture
4.5.1
Channel mapping
After the downsampling block, the block depicted in Figure 13: "Channel mapping scheme"
allows mapping any of the 8 processed channels to any of the output interface slots. Each
slot consists of the audio data word followed by certain number of empty bits. For example,
a 32-bit slot may consist of a 16-bit audio data word plus 16 empty bits. The SCK clock rate
coming either from the AUTOPLL block (SCK_RATE signal when the PLL is automatically
programmed) or directly from the I²C register (Reg. 0x09 bit B4 and B3 when the PLL is
programmed manually), and the slot size, coming from the I²C register (Reg. 0x09 bit B5),
together define the number of slots available in a frame. In fact, as depicted in Figure 13:
"Channel mapping scheme", five possible frames are supported: 64Fs16, 64Fs32,
128Fs16, 128Fs32 and 256Fs32.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com